データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LM-1A0YR-R/Q

  • AI
    The part number **47LM-1A0YR-R/Q** typically refers to a specific series of **Latching Relays** or high-performance magnetic components often used in automotive or industrial control systems. Below is a detailed breakdown of the technical specifications and characteristics typically associated with this component family. --- ### 1. General Specifications This part is a specialized relay designed for efficiency, meaning it only consumes power during the switching phase and maintains its state without continuous current. | Feature | Description | | :--- | :--- | | **Component Type** | Latching Relay / Power Relay | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Mounting Type** | PCB Mount (Through-hole) | | **Switching Current** | Typically 20A to 30A (Series dependent) | | **Coil Voltage** | Usually 12VDC or 24VDC | | **Suffix "R/Q"** | Denotes RoHS compliance and Quality/Automotive Grade | --- ### 2. Key Internal Components The functionality of the 47LM series is driven by several critical electronic and mechanical elements: * **Bistable Magnetic Circuit:** Uses a permanent magnet to hold the armature in place. This allows the relay to stay "ON" or "OFF" without needing a constant power supply to the coil. * **AgSnO2 Contacts:** The contacts are typically made of Silver Tin Oxide, which provides excellent resistance to "welding" and material erosion during high-current switching. * **Dual Coil or Single Coil:** Depending on the specific sub-model, it may use a dual-coil system (one for "Set" and one for "Reset"). --- ### 3. Pinout and Circuit Representation While specific pin layouts can vary by manufacturer (such as Omron or Hongfa equivalents), the logical structure is as follows: ```mermaid graph LR A[Coil Positive] --- B(Electromagnet) B --- C[Coil Negative] D[Input Terminal] --- E{Switch Contact} E --- F[Output Terminal] ``` ### 4. Common Applications Due to its latching nature and high reliability, this part is found in: 1. **Smart Meters:** To disconnect/connect power remotely. 2. **Automotive Electronics:** For battery management and power distribution where energy saving is critical. 3. **Industrial Controls:** Lighting control systems and automated heavy-duty machinery. --- ### 5. Advantages vs. Standard Relays * **Zero Holding Current:** Unlike standard relays that require constant current to stay closed, this part saves significant energy. * **Low Heat Dissipation:** Because the coil is only energized for milliseconds, the component stays cool. * **Position Memory:** If the system loses power, the relay remains in its last state (Open or Closed).
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage supported by the 47LM series?
    • ⤷ How do you trigger a 'Reset' pulse on a latching relay?
    • ⤷ Is there a specific driver circuit required to interface this relay with a microcontroller?