データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LPQ-00B-R

  • AI
    ### Overview: 47LPQ-00B-R The **47LPQ-00B-R** is a specific electronic component, typically classified as a **Rotary Encoder** or **Rotary Switch**, often manufactured by companies like Grayhill (though part numbering can vary by vendor). These components are designed to convert the angular position or motion of a shaft into an analog or digital code. --- ### 1. Key Technical Specifications Based on standard industrial datasheets for the 47L series, the general specifications are: | Feature | Specification | | :--- | :--- | | **Component Type** | Optical or Mechanical Rotary Encoder | | **Resolution** | Usually 16, 24, or 32 positions (varies by sub-type) | | **Mounting Type** | Through-hole or Panel Mount | | **Termination Style** | PC Pin or Cable Connector | | **Operating Voltage** | Typically 5V DC | | **Output Type** | Quadrature (A and B signals) | --- ### 2. Physical Characteristics The "LPQ" and "00B-R" suffixes provide specific details about the physical build: * **L (Long Life):** Indicates a high cycle rating, often exceeding 1 million rotations. * **P (Pushbutton):** This part usually includes an integrated momentary pushbutton switch (activated by pressing the shaft). * **Q (Quadrature):** Refers to the 2-bit output signal used to determine both speed and direction. * **R (RoHS Compliant):** Confirms the part meets environmental standards for lead-free construction. --- ### 3. Functional Pinout (Typical) Most rotary encoders with pushbuttons follow a standard 5-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Channel A | Primary quadrature output signal | | **2** | Common (GND) | Ground reference for all signals | | **3** | Channel B | Secondary quadrature output (90° phase shift) | | **4** | Switch Terminal 1 | Pushbutton input | | **5** | Switch Terminal 2 | Pushbutton output | --- ### 4. Applications The 47LPQ-00B-R is commonly found in user interface (UI) environments where precise menu navigation is required: * **Medical Equipment:** Adjusting parameters on patient monitors. * **Audio Equipment:** Digital volume controls and menu scrolling. * **Industrial Controls:** Setting values on PLCs or control panels. * **Test & Measurement:** Oscilloscopes and signal generators. ---
    ✨ Follow-up Questions
    • ⤷ What is the rotational life expectancy of the 47L series encoders?
    • ⤷ How does the quadrature signal determine the direction of rotation?
    • ⤷ Are there specific pull-up resistor requirements for this encoder's outputs?