データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LPQ-00W-R

  • AI
    The part number **47LPQ-00W-R** refers to a high-performance **Fiber Optic Transceiver Module**, typically utilizing the **QSFP28** (Quad Small Form-factor Pluggable 28) design. This specific module is engineered for high-density data center networking and high-speed telecommunications. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications This module is designed to handle massive data throughput over optical fiber. | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP28 | | **Data Rate** | 100 Gbps (4 x 25G channels) | | **Media Type** | Single-Mode Fiber (SMF) | | **Connector Type** | LC Duplex | | **Wavelength** | ~1310 nm (CWDM4 or LR4 standard) | | **Reach** | Typically 2km to 10km (Standard dependent) | | **Supply Voltage** | 3.3V | --- ### 2. Internal Electronic Architecture The module functions as a bridge between electrical signals from a switch/router and optical signals in the fiber cable. It contains several critical sub-systems: #### A. The Optical Sub-Assembly (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains four laser diodes (often DFB or EML lasers). Each laser converts an electrical signal into a specific wavelength of light. * **ROSA (Receiver Optical Sub-Assembly):** Contains high-speed PIN photodiodes and a Trans-Impedance Amplifier (TIA) to convert incoming light back into electrical pulses. #### B. The Integrated Circuits (ICs) * **CDR (Clock and Data Recovery):** These chips reside on both the transmit and receive paths. They clean up "jitter" (timing noise) to ensure high signal integrity over the 25Gbps lanes. * **Laser Driver:** Controls the current going into the lasers to ensure stable light output. * **MCU (Microcontroller Unit):** Manages the module's initialization, monitors health, and handles the I2C communication with the host system. #### C. Digital Diagnostics Monitoring (DDM/DOM) The electronic circuitry supports **Real-time Monitoring** via an I2C interface. This allows the network administrator to view: * Temperature of the module. * Supply voltage levels. * Laser bias current. * Transmitted (TX) and Received (RX) optical power. --- ### 3. Application Use Cases The **47LPQ-00W-R** is primarily used in high-capacity environments: 1. **Data Center Core:** Connecting high-speed leaf-and-spine switches. 2. **Enterprise Networking:** High-bandwidth uplinks for campus networks. 3. **Service Providers:** Core routing and transport networks for 5G backhaul. --- ### 4. Compliance and Standards * **IEEE 802.3bm:** 100GBASE-SR4/LR4/PSM4 standards. * **SFF-8665:** Defines the physical and electrical interface of the QSFP28. * **RoHS-6:** The "-R" suffix usually denotes compliance with "Restriction of Hazardous Substances" (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power consumption for this 100G QSFP28 module?
    • ⤷ Is this module compatible with Cisco or Juniper equipment specifically?
    • ⤷ What is the difference between CWDM4 and LR4 wavelengths for this part?