データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LPQ-40B-R

  • AI
    The **47LPQ-40B-R** is a specific part number belonging to the **47LPQ series** of high-performance Ethernet Transformers (often referred to as LAN Magnetics or Magnetic Modules). These components are essential for networking interfaces. --- ## 1. Component Overview The 47LPQ-40B-R is a **Quad-Port 10/100 Base-TX Magnetic Module**. It is designed to provide electrical isolation and signal conditioning between the Ethernet Physical Layer (PHY) chip and the RJ-45 connector. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Ethernet Transformer / Magnetics | | **Number of Ports** | Quad (4 Ports) | | **Speed** | 10/100 Base-TX (Fast Ethernet) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temp** | 0°C to +70°C (Standard) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Internal Functions This part contains several miniature "transformers" and "chokes" inside a single package to perform four primary tasks: 1. **Impedance Matching:** Ensures the signal from the PHY chip matches the characteristic impedance of the Cat5/6 cable (typically 100 ohms). 2. **Galvanic Isolation:** Protects the sensitive electronic circuitry from external voltage spikes or ground loops on the network cable. 3. **EMI Suppression:** Uses Common Mode Chokes (CMC) to filter out electromagnetic interference and noise. 4. **Signal Integrity:** Maintains the pulse shape of the data packets over the distance of the cable. --- ## 3. Pinout and Design Considerations Because this is a **Quad-Port** device, the pin count is significantly higher than a single-port transformer (usually around 40 to 80 pins depending on the specific layout). ### Typical Applications * **Network Switches:** Used in multi-port office switches. * **Routers:** For LAN/WAN connectivity. * **Hubs:** To manage multiple Ethernet streams. * **Industrial Controllers:** Where multiple Ethernet connections are required in a compact space. --- ## 4. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature generally follows this logic: * **47LPQ:** The Series identifier (Low Profile, Quad Port). * **40B:** Specific internal schematic configuration (center tap positions, turns ratio). * **R:** RoHS Compliant / Lead-Free.
    ✨ Follow-up Questions
    • ⤷ What is the turns ratio for the 47LPQ-40B-R?
    • ⤷ Can this component be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the physical dimensions of the 47LPQ-40B-R package?