データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LT-1A0YR-R

  • AI
    The part number **47LT-1A0YR-R** refers to a high-performance **Gas Discharge Tube (GDT)** manufactured by **Littelfuse**. These components are critical for overvoltage protection in sensitive electronic equipment. --- ## 1. Component Overview The 47LT series is a specialized gas discharge tube designed for surface mount (SMT) applications. Its primary function is to act as a "crowbar" device, diverting high-energy electrical surges (like lightning or power cross-events) to the ground. ### Key Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **DC Spark-over Voltage** | 470V (±20%) | | **Impulse Discharge Current** | 2kA (8/20μs pulse) | | **Insulation Resistance** | >10 GΩ | | **Capacitance** | <1.0 pF | | **Package Type** | SMT (Surface Mount Device) | | **RoHS Compliant** | Yes | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **47:** Represents the voltage rating (470V). * **LT:** Indicates the series name (Littelfuse GDT). * **1A:** Refers to the physical dimensions/form factor (Miniature size). * **0YR:** Specific internal manufacturing code/packaging orientation. * **-R:** Indicates "Tape and Reel" packaging for automated assembly. --- ## 3. How It Works A GDT consists of two electrodes enclosed in a ceramic tube filled with a noble gas. 1. **Normal Operation:** The gas acts as an insulator; the device is essentially "invisible" to the circuit. 2. **Surge Event:** When the voltage exceeds 470V, the gas ionizes, turning into a highly conductive plasma. 3. **Protection:** This creates a low-resistance path, shunting the excess current away from downstream components. 4. **Recovery:** Once the surge passes and the voltage drops below the "holdover" level, the gas de-ionizes and returns to its insulating state. --- ## 4. Common Applications Due to its low capacitance, this part is ideal for high-speed data lines where signal integrity is crucial: * **Telecommunications:** DSL/ADSL lines and base stations. * **Networking:** Ethernet ports and routers. * **Industrial:** Power supplies and surge protection devices (SPDs). * **Consumer Electronics:** Set-top boxes and high-definition TVs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT and a MOV (Metal Oxide Varistor)?
    • ⤷ How does the 1.0 pF capacitance affect high-speed signals?
    • ⤷ What are the soldering requirements for the SMT version of this GDT?