データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LV-2D0YR-R/Q

  • AI
    Based on the part number **47LV-2D0YR-R/Q**, this component belongs to a specialized class of **Metal Oxide Varistors (MOV)** or **Voltage Dependent Resistors (VDR)**, typically manufactured by brands like Joyin or similar high-surge protection component specialists. --- ### 1. Component Overview This part is designed to protect electronic circuits from over-voltage transients, such as those caused by lightning, inductive load switching, or electrostatic discharge (ESD). | Specification | Value/Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Disk Diameter** | 20mm (indicated by the 'D') | | **Varistor Voltage** | 47V (±10%) | | **Tolerance** | K (±10%) or L (±15%) depending on series | | **Configuration** | Radial Leaded | --- ### 2. Breakdown of the Part Number The alphanumeric string follows a standard logic used in surge protection manufacturing: * **47L**: Represents the **Varistor Voltage**. In this case, it indicates a threshold of 47 Volts. * **V**: Denotes the component type (**V**aristor). * **20**: Represents the diameter of the ceramic disk in millimeters (**20mm**). A larger diameter generally allows for higher energy absorption (Joules). * **D**: Disk shape. * **YR**: Refers to the lead style and coating (often "Y" for vertical/radial and "R" for RoHS compliance). * **R/Q**: High surge or specific industrial packaging/quality grade designations. --- ### 3. Technical Characteristics As a 47V Varistor, this part is used in low-voltage DC lines or low-voltage AC control circuits. * **Clamping Voltage:** The voltage level where the device becomes highly conductive to bypass the surge. * **Energy Rating (Joules):** High energy absorption due to the 20mm disk size compared to smaller 5mm or 7mm variants. * **Peak Current:** Capable of handling several thousand Amperes for a short duration (8/20µs pulse). * **Capacitance:** High intrinsic capacitance, which should be considered in high-speed data line applications. --- ### 4. Common Applications 1. **Automotive Electronics:** Protecting 12V/24V systems from "load dump" transients. 2. **Telecommunications:** Surge protection for low-voltage signal lines. 3. **Power Supplies:** Input/Output protection for low-voltage DC power converters. 4. **Industrial Controllers:** Protecting PLCs and sensor interfaces from inductive spikes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for a 20mm 47V varistor?
    • ⤷ How does the 20mm disk size compare to a 7mm disk in terms of protection?
    • ⤷ Can this varistor be used in 110V AC power applications?