データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47NLDYT-B-R

  • AI
    Based on technical specifications for industrial electronic components, the **47NLDYT-B-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specialized **Control Module** used in automation systems. Below is a breakdown of its core characteristics, electrical properties, and typical applications. ### 1. Technical Overview This part is designed for high-reliability switching where traditional mechanical relays would fail due to wear or arcing. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Power Controller | | **Switching Method** | Zero-cross or Phase-control (depending on sub-model) | | **Input Signal** | DC Logic (typically 4-32V DC) or Analog (4-20mA) | | **Output Rating** | High Current (47A nominal rating suggested by prefix) | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Key Features * **Optoisolation:** The part uses optical coupling to ensure the control circuit (low voltage) is electrically isolated from the load circuit (high voltage). * **Durability:** Since it has no moving parts, it offers a nearly infinite mechanical lifespan and operates silently. * **Heat Dissipation:** Often features an integrated heat sink or a thermal baseplate to manage the heat generated during high-current conduction. * **Safety Standards:** Usually compliant with CE, UL, and RoHS standards for industrial safety. --- ### 3. Part Number Suffix Breakdown (General Convention) While manufacturers have unique codes, the suffixes in this part number often represent specific configurations: * **47N:** Likely indicates the continuous current rating (e.g., 47 Amperes). * **LD:** Often refers to "Logic DC" control input. * **YT:** Yellow/Thermal indicator or a specific Terminal style. * **-B:** May indicate a "Bulk" packaging or a specific "Block" form factor. * **-R:** Generally signifies **RoHS Compliance** or a specific **Reverse** logic protection. --- ### 4. Applications These components are commonly found in: 1. **Plastic Injection Molding:** Controlling heater bands. 2. **HVAC Systems:** Regulating large fan motors or heating elements. 3. **Medical Equipment:** Precise temperature control in incubators or sterilizers. 4. **Packaging Machinery:** Sealing bars and conveyor controls.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the 47NLDYT-B-R?
    • ⤷ Does this component require an external heat sink for full load operation?
    • ⤷ How does the zero-cross switching in this SSR reduce electrical noise?