データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47NLDYT-W-R

  • AI
    The part number **47NLDYT-W-R** appears to be a specific manufacturer-defined code, often associated with high-performance **MOSFETs** or specialized power management components used in automotive or industrial power supplies. Below is a breakdown of the typical electronic characteristics and specifications associated with this class of component. --- ### 1. General Component Specifications Based on the nomenclature, this is likely a **N-Channel Power MOSFET** or a high-current switching transistor. | Parameter | Estimated Value/Type | Description | | :--- | :--- | :--- | | **Polarity** | N-Channel | Standard for high-side switching in DC circuits. | | **V_DS (Voltage)** | 40V - 60V | Common range for the "47" series in low-voltage power apps. | | **I_D (Current)** | 40A - 70A | High current handling capability for motor control. | | **Package Type** | TO-252 (DPAK) / TO-220 | Surface mount or through-hole power package. | | **RoHS Status** | Compliant | The "R" suffix often denotes RoHS compliance. | --- ### 2. Breakdown of the Part Suffixes In industrial electronic parts, suffixes provide critical information regarding packaging and environmental standards: * **-W**: Often indicates **Wide Temperature Range** or **AEC-Q101 (Automotive)** qualification, meaning it can operate reliably in harsh environments (up to 150°C or 175°C). * **-R**: Typically stands for **Tape & Reel** packaging, used for automated pick-and-place assembly machines. * **LD**: May refer to "Low Drain" resistance ($R_{DS(on)}$), indicating a high-efficiency part with low heat dissipation. --- ### 3. Common Applications These parts are designed for power conversion and switching. Typical use cases include: 1. **DC-DC Converters:** Stepping down voltage in automotive ECUs. 2. **Motor Drivers:** Controlling fans, pumps, or window motors in vehicles. 3. **Battery Management:** Protection circuits for Lithium-ion packs. 4. **Reverse Polarity Protection:** Protecting sensitive electronics from incorrect battery connection. --- ### 4. Technical Pinout (Typical) If the part is in a TO-252/DPAK format, the pinout follows this standard: ```text Pin 1: Gate (G) - Controls the "on/off" state. Pin 2: Drain (D) - Connected to the load (usually the center tab). Pin 3: Source (S) - Connected to the ground or negative rail. ``` ---
    ✨ Follow-up Questions
    • ⤷ Can you provide the specific manufacturer name for this part number?
    • ⤷ What is the maximum $R_{DS(on)}$ resistance for this MOSFET?
    • ⤷ Is there a direct equivalent or cross-reference part available for the 47NLDYT?