データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4800AGM

  • AI
    The **4800AGM** typically refers to high-performance Absorbed Glass Mat (AGM) batteries often used in automotive, marine, or renewable energy systems. While the battery itself is electrochemical, its "electronic parts" refer to the internal construction components and the external management systems required to operate it. --- ## 1. Internal Structural Components Unlike traditional flooded lead-acid batteries, the AGM architecture uses specific materials to immobilize the electrolyte. | Component | Material/Function | Purpose | | :--- | :--- | :--- | | **Absorbed Glass Mat** | Boron Silicate Glass Fiber | Acts as a sponge to hold sulfuric acid; allows for faster ion transfer. | | **Lead Plates** | High-purity Lead-Calcium Alloy | Minimizes self-discharge and increases structural rigidity. | | **VRLA Valve** | One-way Pressure Relief Valve | Regulates internal gas pressure; prevents oxygen loss. | | **Intercell Connectors** | Heavy-duty Cast Lead | Minimizes internal resistance for high-current delivery (CCA). | --- ## 2. Integrated Electronics and Monitoring Modern 4800AGM units are often paired with external or integrated electronic modules to ensure longevity and safety. ### A. Battery Management System (BMS) / Intelligent Battery Sensor (IBS) Most vehicles using these batteries employ an **IBS** located on the negative terminal. * **Shunt Resistor:** Measures precise current flow (in/out). * **Thermistor:** Monitors internal temperature to adjust charging voltage. * **ASIC (Application-Specific Integrated Circuit):** Calculates State of Charge (SoC) and State of Health (SoH). ### B. Charging Control Electronics Because AGM batteries are sensitive to overcharging, the charging circuit must follow a specific profile: * **Bulk Stage:** Constant current to reach ~80% capacity. * **Absorption Stage:** Constant voltage (typically 14.4V - 14.7V) to top off. * **Float Stage:** Reduced voltage (13.5V - 13.8V) to maintain charge without outgassing. --- ## 3. Comparative Electronic Specifications Typical electrical characteristics for a 4800 series AGM battery: | Parameter | Typical Value | | :--- | :--- | | **Nominal Voltage** | 12.0V - 12.8V | | **Cold Cranking Amps (CCA)** | 800A - 950A | | **Internal Resistance** | < 3.0 mΩ | | **Cycle Life** | 400 - 600 cycles at 50% DoD | --- ## 4. Key Electronic Advantages 1. **Low Internal Resistance:** The proximity of the plates and the efficiency of the glass mat allow for high bursts of power for electronics and starters. 2. **Recombination Process:** The electronic design facilitates the "Oxygen Recombination Cycle," where oxygen produced at the positive plate migrates to the negative plate to reform water, eliminating the need for maintenance.
    ✨ Follow-up Questions
    • ⤷ What are the specific charging voltage limits to avoid damaging an AGM battery?
    • ⤷ How does an Intelligent Battery Sensor (IBS) communicate with a vehicle's ECU?
    • ⤷ What is the difference between 4800AGM and Lithium-ion battery electronics?