データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48AV-2GHC-R

  • AI
    The **48AV-2GHC-R** is a specific part number typically associated with **TDK-Lambda’s** line of high-density, high-efficiency DC-DC converters (specifically within the CC-G series or related power module families). These components are designed for industrial, telecommunications, and high-reliability automation equipment. --- ## 1. Technical Specifications Breakdown Based on the nomenclature used in this series, here is the breakdown of the technical characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Input Voltage Range** | 36V to 76V DC | Designed for standard 48V nominal systems (Telecom/Server). | | **Output Voltage** | 5V / 12V / 15V | Usually specific to the "2G" configuration (Dual or specific single). | | **Mounting Type** | Through-Hole | Standard PCB pin mounting. | | **Efficiency** | Up to 90% | Synchronous rectification for low heat dissipation. | | **Isolation** | 1.5kV AC | Input-to-output isolation for safety and noise reduction. | | **Cooling** | Convection/Forced Air | Operates in high-temperature environments. | --- ## 2. Key Electronic Components Inside Inside a module like the 48AV-2GHC-R, several critical electronic sub-parts work together: ### A. Power MOSFETs These are the switching elements. They toggle at high frequencies (typically 200kHz to 500kHz) to convert the DC input into a high-frequency AC signal before it is stepped down. ### B. Planar Transformers Unlike bulky wire-wound transformers, these use flat copper traces on a PCB. This reduces the physical profile and improves EMI (Electromagnetic Interference) performance. ### C. PWM Controller IC The "brain" of the part. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to ensure the output remains stable even if the input voltage fluctuates. ### D. Ceramic Capacitors (MLCCs) Used for filtering high-frequency noise. These parts are chosen for their low ESR (Equivalent Series Resistance) to ensure clean power delivery. --- ## 3. Configuration & Suffix Meaning The suffix letters provide information about the physical build: * **2G:** Refers to the generation or specific power density tier. * **H:** Often signifies **Horizontal** mounting or high-temperature capability. * **C:** Typically indicates a **Case** or shielding/coating for environmental protection. * **R:** Usually denotes **RoHS Compliance** (Restriction of Hazardous Substances). --- ## 4. Typical Applications * **Networking Gear:** Routers and switches utilizing 48V backplanes. * **Industrial Control:** PLCs and sensors requiring isolated power. * **Broadcast Equipment:** Low-noise power requirements for video/audio processing. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the 48AV-2GHC-R?
    • ⤷ Is there a surface-mount (SMD) version of this DC-DC converter?
    • ⤷ What are the pin-out dimensions for this specific module?