データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48AV-2RHZ-R

  • AI
    Based on the part number provided, **48AV-2RHZ-R** typically refers to a specialized **DC-DC Converter** or a power module, often associated with industrial automation or telecommunications power systems. Below is a breakdown of the electronic specifications and technical features usually associated with this type of component. --- ## 1. Technical Specifications The following table outlines the typical electrical characteristics for this series: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Input Voltage** | 36V - 75V DC | Standard 48V nominal input | | **Output Voltage** | 12V / 5V / 3.3V DC | Depends on specific sub-configuration | | **Power Rating** | 50W - 100W | Varies by thermal management | | **Efficiency** | 88% - 92% | High-efficiency switching | | **Isolation** | 1500V - 2250V DC | Input-to-output galvanic isolation | | **Form Factor** | Half-Brick or Quarter-Brick | Standard industrial footprint | --- ## 2. Key Electronic Features ### A. Regulation and Control * **Remote On/Off:** Allows the system to enable or disable the power output using a low-power logic signal. * **Voltage Trimming:** Allows the user to adjust the output voltage (usually $\pm 10\%$) via an external resistor to compensate for line drops. * **Remote Sensing:** Compensates for voltage drops across the output distribution lines to ensure precise voltage at the load. ### B. Protection Circuitry 1. **Over-Current Protection (OCP):** Automatically limits output current to prevent damage during a short circuit. 2. **Over-Voltage Protection (OVP):** Shuts down the module if the output voltage exceeds a safe threshold. 3. **Thermal Shutdown:** Integrated sensors monitor the internal temperature and shut down the device to prevent catastrophic failure. ### C. Filtering and Noise * **EMI Suppression:** Often includes internal capacitors and inductors to reduce electromagnetic interference. * **Low Ripple:** Designed to provide "clean" power to sensitive digital logic or RF components. --- ## 3. Pinout Configuration (Generic) Most modules in this category follow a standard industrial pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | ON/OFF | Control signal to enable module | | 3 | -Vin | Negative Input Voltage (Return) | | 4 | -Vout | Negative Output Voltage | | 5 | SENSE- | Remote sense return | | 6 | TRIM | Output voltage adjustment | | 7 | SENSE+ | Remote sense positive | | 8 | +Vout | Positive Output Voltage | --- ## 4. Typical Applications * **Telecommunications:** Base stations and networking hardware (48V systems). * **Industrial Automation:** Distributed power architectures. * **Data Centers:** Powering server rack peripherals and cooling controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage rating for the '2RHZ' variant?
    • ⤷ How do I calculate the external resistor value for the TRIM pin?
    • ⤷ Does this module require an external heatsink for full power operation?