データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48DV-0CVE-R

  • AI
    The part number **48DV-0CVE-R** typically refers to a specific configuration of a **VGA/Video Connector**, often associated with High-Density D-Sub connectors used in computing and industrial hardware. These are commonly manufactured by companies like **Foxconn** or similar high-volume electronic connector specialists. --- ## 1. Component Overview The "48DV" series generally identifies a **D-Subminiature** connector. The specific suffix code (0CVE-R) defines the physical orientation, pin count, and mounting style. ### Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Connector Type** | High-Density D-Sub (VGA style) | | **Number of Positions** | 15-Pin (standard for VGA) | | **Gender** | Female (Receptacle/Socket) | | **Mounting Type** | Through-Hole, Right Angle (90°) | | **Termination** | Solder | | **Contact Plating** | Gold (standard for signal integrity) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Design Features ### Physical Layout * **3-Row Configuration:** Unlike standard D-Sub connectors that use 2 rows, this is a "High Density" connector featuring 3 rows of pins (5 pins per row) packed into a shell size usually reserved for 9 pins. * **Right-Angle PCB Mount:** The pins are bent at a 90-degree angle. This is designed for edge-mounting on a Printed Circuit Board (PCB) so the port faces outward from the device's chassis. ### Durability and Electrical * **Metal Shielding:** The outer shell is typically steel with nickel or tin plating to provide EMI (Electromagnetic Interference) shielding and grounding. * **Boardlocks:** Usually includes mechanical boardlocks (fork-locks) to ensure the connector remains stable during the soldering process and stays secure during repeated cable insertions. --- ## 3. Applications This specific part is most commonly found in: * **PC Motherboards:** Legacy video output ports. * **Industrial PCs:** Display interfaces for HMIs (Human Machine Interfaces). * **Networking Equipment:** Console ports or specialized video monitoring outputs. * **Embedded Systems:** Video signal transmission for compact hardware. --- ## 4. Part Number Breakdown (Generic) * **48DV:** Series identifier for High-Density D-Sub. * **0C:** Often indicates the pin count (15 positions). * **VE:** Specifies the housing material and "Vertical/Edge" orientation (Right Angle). * **-R:** Indicates RoHS compliance (Lead-free).
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 48DV series connectors?
    • ⤷ What are the common footprints or PCB hole layouts for this component?
    • ⤷ Are there alternative connectors that replace VGA in modern industrial designs?