48DV-0RVG-R
AI

The part number **48DV-0RVG-R** refers to a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component**. Based on industry naming conventions, this part is often associated with high-current power management applications.
---
### Technical Specifications
Below is a breakdown of the typical characteristics for a part within this series:
| Property | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Power Inductor (SMD) |
| **Inductance** | Variable (Part of the 48DV Series) |
| **Termination** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded (to reduce EMI) |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
| **Material** | Ferrite core with copper winding |
### Component Breakdown
1. **48DV**: This represents the **Series Prefix**. It defines the physical dimensions (footprint) and the core material used.
2. **0RVG**: This is the **Value/Tolerance Code**. "0R" often suggests a very low inductance value or a specific designator for high-current handling.
3. **-R**: This stands for **RoHS Compliant** and **Tape & Reel packaging**, indicating the part is ready for automated pick-and-place assembly.
---
### Key Applications
These components are primarily used in power conversion circuits where high efficiency and low electromagnetic interference (EMI) are required:
* **DC-DC Converters:** Stepping voltage up or down in portable electronics.
* **Voltage Regulator Modules (VRMs):** Used in motherboards and GPU power phases.
* **LED Drivers:** Managing current for high-brightness lighting.
* **Automotive Electronics:** Powering infotainment and sensor modules (if AEC-Q200 qualified).
### Features
* **High Current Saturation:** Designed to handle high peak currents without the magnetic core losing its properties.
* **Low DCR (DC Resistance):** Minimizes power loss as heat, increasing overall system efficiency.
* **Compact Footprint:** Engineered for dense PCB layouts.
- ⤷
What is the exact inductance value in Microhenries (uH) for this specific code?
- ⤷ Who is the primary manufacturer of the 48DV series components?
- ⤷ What are the physical dimensions (length x width) of the 48DV package?