データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48NAM-4YV-R/F

  • AI
    The **48NAM-4YV-R/F** is a specialized electronic component, typically categorized as a **High-Density Power Entry Module (PEM)** or a specific **DC-DC Converter/Power Module** used in telecommunications and networking hardware (often associated with brands like Huawei or Emerson/Vertiv). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Supply Unit (PSU) / Rectifier Module | | **Input Voltage** | Typically -48V DC (Standard Telecom Input) | | **Output Configuration** | Multi-rail or Regulated DC output | | **Cooling System** | Forced Air Cooling (Internal Fan) | | **Mounting Style** | Rack-mount / Plug-in Module | | **Safety Compliance** | RoHS, CE, UL Standards | --- ## 2. Key Electronic Components The "48NAM" series generally incorporates the following internal electronic stages: ### A. Input Protection Stage * **Reverse Polarity Protection:** Utilizes high-power diodes or MOSFETs to prevent damage if the DC input leads are swapped. * **EMI/EMC Filtering:** Inductors and X/Y capacitors designed to suppress high-frequency noise from the power source. ### B. Power Conversion (DC-DC) * **PWM Controller:** An Integrated Circuit (IC) that manages the switching frequency to maintain a stable output voltage regardless of input fluctuations. * **Switching MOSFETs:** High-efficiency Gallium Nitride (GaN) or Silicon (Si) transistors used to chop the input voltage at high frequencies. * **Isolation Transformer:** Provides galvanic isolation between the -48V input and the output rails for safety and noise decoupling. ### C. Monitoring and Control * **MCU (Microcontroller):** Manages the "Digital Power" aspects, including I2C/PMBus communication for reporting status to the main system. * **Current Shunt Resistors:** Used for precise current sensing and over-current protection (OCP). --- ## 3. Nomenclature Breakdown While specific to the manufacturer's catalog, the suffix often indicates the following: * **48:** Indicates the nominal operating voltage (**-48V DC**). * **NAM:** North American Model or specific series designation. * **R/F:** Usually refers to **Rear-to-Front** airflow direction, critical for thermal management in server racks. --- ## 4. Typical Applications * **Base Stations (BTS):** Providing power to radio frequency (RF) units. * **Data Centers:** Distributed power architectures. * **Optical Transmission:** Powering high-speed fiber optic multiplexers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the 48NAM-4YV series?
    • ⤷ How does 'Rear-to-Front' airflow affect rack installation?
    • ⤷ What are the common failure modes for this power module?