データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48NAT-2BH2-R

  • AI
    The part number **48NAT-2BH2-R** refers to a high-precision **Thin Film Chip Resistor Network**, typically manufactured by Susumu. These components are designed for applications requiring excellent stability, tight tolerances, and high reliability. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics of this specific series: | Parameter | Specification | | :--- | :--- | | **Resistor Type** | Thin Film (Metal Film) | | **Number of Resistors** | Typically 2 Resistors (Differential pair) | | **Tolerance** | High Precision (often ±0.05% to ±0.1%) | | **TCR (Temp. Coefficient)** | Low (±5ppm/°C to ±25ppm/°C) | | **Package Style** | Surface Mount (SMD) | | **Configuration** | Isolated or Voltage Divider | --- ### 2. Breakdown of the Part Number While specific manufacturers have proprietary coding, here is how a part like **48NAT-2BH2-R** is generally structured: * **48NAT**: Refers to the series or the physical footprint of the chip. * **2**: Indicates the number of elements (resistors) within the single package. * **BH**: Usually denotes the resistance ratio or the specific tolerance/TCR combination. * **2**: Often represents the resistance value (using a multiplier code). * **R**: Typically signifies that the component is supplied on a **Tape & Reel** for automated assembly. --- ### 3. Advantages of the 48NAT Series These electronic parts are preferred over discrete resistors for several reasons: 1. **Matching Precision:** Because the resistors are fabricated on the same substrate, they track each other’s temperature changes almost perfectly. 2. **Space Saving:** Consolidates multiple resistors into a single small footprint, reducing PCB size. 3. **Low Noise:** Thin film technology provides significantly lower thermal noise compared to thick film alternatives. 4. **Reliability:** Highly resistant to moisture and sulfur, making them suitable for industrial or automotive environments. --- ### 4. Common Applications * **Instrumentation:** Signal conditioning and gain control in precision amplifiers. * **Medical Equipment:** High-stability monitoring circuits. * **Automotive:** Control units requiring long-term thermal stability. * **Voltage Dividers:** Where a precise ratio between two voltages must be maintained. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the '2' code in this series?
    • ⤷ How does thin film technology differ from thick film in terms of performance?
    • ⤷ Can this part be used in high-frequency RF applications?