データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48NDV-4YA-R

  • AI
    The **48NDV-4YA-R** is a specific part number typically associated with **Vacuum Fluorescent Displays (VFD)** or specialized industrial display modules. These components are widely used in automotive dashboards, high-end audio equipment, and industrial interfaces due to their high brightness and contrast. --- ### 1. Component Specifications While exact specifications can vary by manufacturer (often Futaba or Noritake), the alphanumeric code generally breaks down into the following technical categories: | Feature | Description | | :--- | :--- | | **Technology** | Vacuum Fluorescent Display (VFD) | | **Grid Configuration** | Likely a 48-segment or 48-column architecture | | **Display Color** | Typically Blue-Green (Standard for VFDs) | | **Interface Type** | Parallel or Serial (Synchronous) | | **Operating Voltage** | Usually requires a filament voltage (AC/DC) and an anode/grid voltage (DC) | ### 2. Physical Characteristics VFDs like the 48NDV-4YA-R consist of three primary electronic elements housed in a vacuum-sealed glass envelope: 1. **Filament (Cathode):** Fine tungsten wires that emit electrons when heated. 2. **Grid:** A thin metal mesh that controls the flow of electrons. 3. **Anode (Segments):** Coated with phosphor that glows when struck by electrons. ### 3. Key Electronic Requirements To integrate this part into a circuit, the following electronic considerations are mandatory: * **Filament Power:** Requires a low-voltage supply (often 1.5V to 5V). Using AC is preferred to prevent "luminance slant" (uneven brightness across the display). * **Anode/Grid Voltage ($V_{bb}$):** Significantly higher than standard logic levels, typically ranging from **12V to 30V DC**. * **Driver ICs:** Because of the high voltage requirements, standard microcontrollers (like Arduino or ESP32) cannot drive them directly. You must use specialized VFD driver chips (e.g., MAX6921 or PT6311) or high-voltage transistors. ### 4. Typical Applications * **Point of Sale (POS):** Customer-facing price displays. * **Audio Equipment:** Volume levels and track information on vintage or high-end receivers. * **Industrial Measuring:** Digital readouts for scales or multimeters. --- ### 5. Connection Pinout Logic (General) ```cpp // Logic flow for controlling a VFD segment 1. Apply Filament Voltage (Heat the cathode) 2. Apply Positive Voltage to the specific Grid 3. Apply Positive Voltage to the specific Anode Segment 4. Result: Phosphor glows at the intersection ``` ---
    ✨ Follow-up Questions
    • ⤷What is the typical voltage range for the anode of the 48NDV-4YA-R?
    • ⤷ Can I drive this display directly from a 5V microcontroller?
    • ⤷ What are the advantages of VFD over LCD technology?