データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48SV2-BHCST-R

  • AI
    ## Technical Overview: 48SV2-BHCST-R The **48SV2-BHCST-R** is a specific variant of a high-performance **Brushless DC (BLDC) Motor Controller**, typically utilized in robotics, industrial automation, and high-torque motion control applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V - 48V DC | Optimized for 48V systems. | | **Control Method** | FOC (Field Oriented Control) | Provides smooth, quiet, and efficient torque control. | | **Encoder Support** | Magnetic/Optical | High-resolution feedback for precise positioning. | | **Communication** | CAN bus / RS485 | Standard industrial protocols for daisy-chaining. | | **Feedback Loop** | Closed-loop | Adjusts in real-time to maintain speed/position under load. | --- ### 2. Main Electronic Components The internal circuitry of the 48SV2-BHCST-R consists of several critical stages: #### A. Power Stage (Inverter) * **MOSFETs:** A bridge of high-current MOSFETs switches the 48V input to the three phases of the motor. * **Gate Drivers:** Integrated circuits that manage the high-speed switching of the MOSFETs to prevent "shoot-through" currents. #### B. Control Logic (The Brain) * **Microcontroller (MCU):** Usually a 32-bit ARM Cortex-M series processor. It calculates the PID loops and processes the FOC algorithms. * **Sensing Circuitry:** Current sensors (Shunts) measure the current on each motor phase to ensure safety and torque accuracy. #### C. Feedback Interface * **Encoder Port:** Digital inputs designed to read high-frequency pulses from the motor's internal encoder. * **Thermal Protection:** Thermistors to monitor the temperature of the power stage and trigger a shutdown if limits are exceeded. --- ### 3. Application Use Cases This specific part is often found in the following environments: 1. **AMRs (Autonomous Mobile Robots):** Used for driving wheels where high torque at low speeds is required. 2. **CNC Machinery:** Managing the precision movement of axes. 3. **Medical Equipment:** High-reliability pumps or scanning beds. --- ### 4. Wiring and Connectivity Typical pinouts for this module include: * **Power:** $V+$ and $GND$ (48V nominal). * **Motor Phases:** $U$, $V$, $W$ outputs. * **Communication:** $CAN\_H$, $CAN\_L$ or $TX/RX$. * **I/O:** Pulse/Direction inputs for legacy PLC compatibility.
    ✨ Follow-up Questions
    • ⤷ What are the specific torque and current limits for the 48SV2-BHCST-R?
    • ⤷ Which software or library is used to configure the CAN bus parameters on this controller?
    • ⤷ Does this model support regenerative braking to return energy to the battery?