データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48SV2-BVEST-R

  • AI
    The **48SV2-BVEST-R** is a specific part number belonging to a series of high-performance **Step-Down (Buck) DC-DC Converters**, typically manufactured by power solution specialists like **Bel Power Solutions**. --- ## 1. Component Overview This component is an isolated DC-DC converter designed for industrial and telecommunications applications. It is part of the "V" series (1/16th brick size), offering high efficiency in a very small footprint. ### Key Specifications | Parameter | Description | | :--- | :--- | | **Input Voltage Range** | Typically 36V to 75V DC (48V Nominal) | | **Output Voltage** | 2.5V DC (based on the 'V2' designation) | | **Form Factor** | 1/16th Brick (Very compact) | | **Mounting Type** | Through-Hole | | **Efficiency** | Often exceeds 90% | --- ## 2. Part Number Breakdown The nomenclature provides specific details about the component's capabilities: * **48**: Represents the nominal input voltage (48V). * **S**: Indicates a **Single** output. * **V2**: Refers to the output voltage (2.5V). * **B**: Baseplate option (improves thermal management). * **V**: 1/16th Brick standard size. * **E**: Enhanced efficiency or specific feature set. * **ST**: Surface Mount or Standard Through-hole (depending on the specific revision datasheet). * **R**: **RoHS Compliant** (Lead-free). --- ## 3. Technical Features ### Protection Mechanisms The 48SV2-BVEST-R is engineered with several safety protocols to protect the load and the power source: 1. **Over-Current Protection (OCP):** Shuts down or limits current if the load exceeds limits. 2. **Over-Voltage Protection (OVP):** Prevents the output voltage from spiking and damaging sensitive downstream ICs. 3. **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe operating limits. 4. **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough to be stable. --- ## 4. Typical Applications Because of its high power density and 48V input (standard in telecom), this part is commonly used in: * **Telecommunications:** Base stations and switching equipment. * **Data Networking:** Routers and high-speed servers. * **Industrial Controls:** 48V distributed power architectures. * **Distributed Power Architecture (DPA):** Providing localized power to microprocessors and FPGAs. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the baseplate version of this converter?
    • ⤷ Can this DC-DC converter be used in a 24V input system?
    • ⤷ What is the maximum output current rating for the 48SV2 model?