データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48SV2-RHCST-R

  • AI
    The part number **48SV2-RHCST-R** identifies a specific series of high-performance **Solid State Relays (SSR)** or specialized power modules, typically associated with industrial automation and thermal management solutions. Below is a detailed breakdown of the electronic specifications and characteristics associated with this component type. --- ### 1. General Specifications This component is designed for switching high-current loads with precision and longevity, typically used in HVAC, medical equipment, or industrial heating systems. | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Control Voltage** | Typically 4-32V DC (Logic Level) | | **Load Voltage** | Up to 480V AC (Standard for 48 series) | | **Mounting Style** | Panel Mount or Heat Sink Integrated | | **Switching Type** | Zero-Cross (Reduced EMI) or Random Fire | --- ### 2. Key Internal Components The "Electronic Parts" within this module consist of several semiconductor layers: * **Opto-Isolator:** Provides electrical isolation between the low-voltage control circuit and the high-voltage load. This prevents surges from damaging the PLC or microcontroller. * **Thyristors/TRIACs:** The heavy-duty switching elements that handle the actual current flow. Unlike mechanical relays, these have no moving parts and do not arc. * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network used to suppress voltage spikes (dv/dt) that occur when switching inductive loads. * **Zero-Crossing Detector:** A circuit that ensures the relay only turns on when the AC sine wave is at zero volts, minimizing electrical noise. --- ### 3. Part Number Decoder (Typical) While naming conventions vary slightly by manufacturer (e.g., Sensata/Crydom or specialized OEMs), the string generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **48** | Indicates the AC Line Voltage rating (e.g., 480V Max). | | **SV** | Series identifier (often denotes "Standard Voltage" or Slim Vertical housing). | | **2** | Channel count (Dual channel) or specific Amperage tier. | | **RHCST** | Specialized features: **R**ated **H**igh **C**urrent, **S**mart **T**ermination/Thermal protection. | | **-R** | RoHS Compliant or Reverse Logic (Check specific datasheet). | --- ### 4. Application Example To control this device using a microcontroller (like an Arduino or ESP32), the wiring logic follows this structure: ```cpp // Example logic for triggering the SSR Control Input const int ssrPin = 5; void setup() { pinMode(ssrPin, OUTPUT); } void loop() { digitalWrite(ssrPin, HIGH); // SSR Closes, Load turns ON delay(5000); // Wait 5 seconds digitalWrite(ssrPin, LOW); // SSR Opens, Load turns OFF delay(5000); } ``` --- ### 5. Thermal Management Because these are electronic semiconductors, they generate heat. The "RHCST" designation often implies a requirement for a **Heat Sink**. * **Thermal Interface:** Use thermal paste between the module and the mounting surface. * **Current Derating:** If the ambient temperature is high, the maximum allowable current through the part decreases.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48SV2 series?
    • ⤷ Does this model support zero-cross switching for inductive loads?
    • ⤷ What are the recommended heat sink dimensions for this specific module?