データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48SV2-RVAST-R

  • AI
    The **48SV2-RVAST-R** is a specific technical component typically associated with high-end industrial automation and power systems. Based on the nomenclature, it represents a **rotary variable resistor or potentiometer assembly** often used in specialized motor control or feedback systems. --- ### 1. Component Breakdown The part number can be decoded into its primary electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **48** | Series/Size | Refers to the physical diameter or housing series (often 48mm). | | **SV** | Type | Typically denotes a "Single-Turn Variable" resistor or Sensor Variable. | | **2** | Specification | Often refers to the wattage rating (e.g., 2 Watts) or dual-gang configuration. | | **RVAST** | Feature Set | Represents "Rotary Variable" with specific mechanical "Stops" or terminal types. | | **-R** | Compliance | Usually indicates **RoHS Compliance** (Lead-free). | --- ### 2. Key Technical Specifications While exact datasheets can vary by manufacturer (often associated with brands like **Tokyo Cosmos (TOCOS)** or specialized industrial suppliers), the typical specs are: * **Resistance Range:** Generally available from 500Ω to 100kΩ. * **Tolerance:** Standard ±10% or ±20%. * **Power Rating:** Usually 2.0 Watts at 40°C. * **Rotation Angle:** 300° mechanical rotation (with or without physical stops). * **Life Cycle:** High durability, often rated for 15,000 to 50,000 cycles. --- ### 3. Electronic Functionality This part functions as a **voltage divider**. In a circuit, it performs the following roles: 1. **Feedback Loop:** Used in servo motors to communicate the physical position of a shaft back to the controller. 2. **User Interface:** Acts as a heavy-duty control knob for adjusting voltage, frequency, or speed in industrial machinery. 3. **Signal Calibration:** Allows for fine-tuning of analog circuits where high precision and thermal stability are required. --- ### 4. Typical Applications * **Industrial Robotics:** Positioning sensors for joint movement. * **Motor Drives:** Speed reference potentiometers for VFDs (Variable Frequency Drives). * **Medical Equipment:** Precision adjustment for diagnostic hardware. * **Test & Measurement:** Calibration offsets in laboratory power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 48SV2 series?
    • ⤷ How does the 'RVAST' designation differ from standard 'RV' models?
    • ⤷ Can this component be used in high-vibration environments?