データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48SV2-YVFST-R

  • AI
    The **48SV2-YVFST-R** is a specific technical configuration code often associated with high-performance **rotary encoders** or specialized **servo motor feedback components**, typically used in industrial automation. Based on standard naming conventions for industrial sensors (often related to brands like Nemicon or similar manufacturers), here is the breakdown of its electronic parts and characteristics. ### Technical Specification Breakdown | Component Category | Specification Details | | :--- | :--- | | **Model Series** | 48SV Series (48mm Outer Diameter) | | **Input Voltage** | 5V DC to 24V DC (Wide range) | | **Output Type** | Y: Push-Pull / Totem Pole Output | | **Signal Phases** | V: A, B, and Z (Index) phases | | **Connection Style** | ST: Standard Terminal or Connector type | | **Mounting/Shaft** | Hollow shaft / Spring plate mounting | | **RoHS Status** | R: RoHS Compliant | --- ### Key Electronic Components and Functions #### 1. The Sensing Element (Optical or Magnetic) * **Mechanism:** Most 48SV units use an **Optical Disk**. This is a high-precision glass or plastic disk with etched lines. * **Light Source:** An **Infrared LED** shines through the disk. * **Receiver:** A **Photo-detector Array** converts light pulses into electrical signals. #### 2. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** These internal ICs clean up the raw analog signals from the photodetectors, turning them into crisp square waves. * **Driver IC:** The "Y" designation usually refers to a **Push-Pull (Totem Pole)** driver. This circuit allows the encoder to both source and sink current, making it versatile for connecting to PLCs (Programmable Logic Controllers) or CNC controllers. #### 3. Output Signals This part generates three primary signals: * **Phase A & B:** These are offset by 90 degrees (Quadrature). This allows the controller to determine both **speed** and **direction**. * **Phase Z (Index):** A single pulse per revolution used to define a "Home" or reference position. #### 4. Physical Interface * **Shielded Cable:** To prevent Electromagnetic Interference (EMI) from high-voltage motor lines. * **Radial/Axial Connector:** The "ST" variant typically dictates how the wires exit the housing to ensure a secure electronic connection in vibrating environments. --- ### Applications The **48SV2-YVFST-R** is electronically designed for: 1. **Vector Control:** Integrated into "YVF" (Y-series Variable Frequency) motors. 2. **Elevator Systems:** Precise positioning of the cabin. 3. **Robotic Arms:** Real-time feedback of joint angles.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulses per revolution (PPR) supported by the 48SV series?
    • ⤷ How does a Push-Pull output differ from an Open Collector output in this encoder?
    • ⤷ What are the wiring color codes for the A
    • ⤷ B
    • ⤷ and Z phases?