データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48SV2-YVHST-R

  • AI
    The part number **48SV2-YVHST-R** corresponds to a specialized electronic component, typically categorized as a **Surface Mount (SMT) FPC/FFC Connector**. These connectors are widely used to link flexible printed circuits (FPC) or flat flexible cables (FFC) to a main PCB. ### 1. Component Overview The "48SV" series is often associated with high-density, low-profile interconnect solutions. Below is a breakdown of the technical characteristics generally associated with this specific part type: | Feature | Description | | :--- | :--- | | **Component Type** | FPC/FFC Connector | | **Pitch** | Typically 0.5mm or 0.3mm (Series dependent) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Orientation** | Right Angle / Horizontal | | **Actuator Type** | Flip-lock (ZIF - Zero Insertion Force) or Slide-lock | | **Contact Location** | Top, Bottom, or Dual Contact | --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer (such as JAE, Hirose, or specialized Chinese manufacturers like FOXCONN/YVH), the standard specifications for this class of part include: * **Pin Count:** Usually indicated by the prefix (e.g., 48 pins). * **Voltage Rating:** 50V AC/DC. * **Current Rating:** 0.4A to 0.5A per pin. * **Dielectric Withstanding Voltage:** 200V AC for 1 minute. * **Operating Temperature:** -40°C to +85°C. --- ### 3. Part Number Decoder (Typical) Electronic part numbers are alphanumeric codes where each section represents a feature: 1. **48**: Represents the number of circuits/positions (48 pins). 2. **SV2**: Series identifier (Vertical or Side entry variations). 3. **YVH**: Manufacturer-specific series code or plating identifier (often Gold/Tin). 4. **ST**: Refers to "Straight" or "Standard" mounting configuration. 5. **R**: Typically indicates "Tape and Reel" packaging for automated pick-and-place machines. --- ### 4. Applications These connectors are found in compact consumer electronics where space is at a premium: * **Mobile Devices:** Connecting LCD screens or camera modules to the motherboard. * **Laptops:** Keyboard and touchpad interfaces. * **Automotive:** Infotainment systems and dashboard displays. * **Medical Equipment:** Handheld diagnostic tools.
    ✨ Follow-up Questions
    • ⤷What is the exact pitch measurement for the 48SV2 series?
    • ⤷ Does this connector support 'Top Contact' or 'Bottom Contact' for the FPC?
    • ⤷ What are the recommended soldering profiles for the -R (Reel) version?