データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48V-2RHC-R

  • AI
    The **48V-2RHC-R** is a specific electronic component identifier typically associated with **High-Current Power Inductors** or specialized **DC-DC Converter modules**. Based on standard industry nomenclature (common in brands like Coilcraft or specialized power electronics manufacturers), this part is designed for high-density power applications. --- ### 1. Component Specification Overview The alphanumeric code provides insights into its electrical properties: | Feature | Description | | :--- | :--- | | **Voltage Rating** | Optimized for 48V systems (Common in Telecom/Data Centers). | | **Configuration** | Likely a 2-phase or 2-inductor high-current (RHC) array. | | **Mounting Type** | Surface Mount (SMD) for automated PCB assembly. | | **Compliance** | "R" usually indicates RoHS Compliance (Lead-free). | --- ### 2. Core Electronic Characteristics This part is engineered to manage high power density with minimal thermal loss. * **Inductance Value:** Typically ranges from 0.1µH to 2.2µH depending on the specific sub-series, designed for high-frequency switching. * **Saturation Current ($I_{sat}$):** Designed to handle high peak currents (often 30A to 80A+) without the magnetic core losing its properties. * **DCR (DC Resistance):** Ultra-low resistance to maximize efficiency and reduce heat dissipation. * **Shielding:** Usually magnetically shielded to minimize Electromagnetic Interference (EMI) in sensitive circuits. --- ### 3. Common Applications Parts with this designation are found in environments where 48V power distribution is standard: 1. **Data Centers:** VRM (Voltage Regulator Modules) for CPUs and GPUs using the 48V bus architecture. 2. **Automotive Electronics:** 48V Mild Hybrid Electric Vehicle (MHEV) systems for power steering or braking units. 3. **Telecommunications:** Base stations and networking hardware requiring high-efficiency point-of-load (PoL) conversion. --- ### 4. Typical Internal Circuit Representation In a 48V DC-DC Buck Converter context, the component acts as the energy storage element: ```spice [48V Input] ----> [Switching MOSFETs] | [ 48V-2RHC-R Inductor ] | [V_out] <--------- [Output Capacitor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific saturation current rating for the 48V-2RHC-R?
    • ⤷ Which manufacturers typically produce this part number?
    • ⤷ How does this part handle thermal dissipation in high-density PCBs?