データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48V-2RYV4-R

  • AI
    The identifier **48V-2RYV4-R** typically refers to a specific configuration of a **high-efficiency DC-DC Power Module** or a **Power Distribution Unit (PDU)** component, often utilized in telecommunications, server infrastructure, or industrial automation. Below is a breakdown of the electronic characteristics and components associated with this type of power assembly. --- ### 1. General Specifications These modules are designed to convert or manage 48V DC power, which is the standard nominal voltage for telecom and data center equipment. | Feature | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 36V to 75V DC (Nominal 48V) | | **Output Type** | Regulated DC Output | | **Form Factor** | Rack-mountable or Integrated PCB Module | | **Cooling** | Passive Heat Sink or Forced Air | --- ### 2. Key Electronic Components The internal circuitry of a 48V system like the 2RYV4-R usually consists of the following stages: #### A. Input Filtering & Protection * **TVS Diodes (Transient Voltage Suppressors):** Protects the circuit from voltage spikes. * **Common Mode Chokes:** Filters out electromagnetic interference (EMI) from the input line. * **Fuse/Breaker:** Provides over-current protection. #### B. Power Conversion Stage * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-speed switches that handle the power inversion. In 48V systems, these are often GaN (Gallium Nitride) or high-efficiency Silicon FETs. * **PWM Controller:** An Integrated Circuit (IC) that regulates the switching frequency to maintain a stable output. * **Transformers/Inductors:** Used for galvanic isolation and energy storage during the conversion process. #### C. Monitoring & Control * **Shunt Resistors:** Used for precise current sensing. * **Microcontroller (MCU):** Manages "Soft Start" sequences, thermal monitoring, and communication protocols (like PMBus or I2C). --- ### 3. Connection Pinout/Interface Components in this category generally use high-current connectors to minimize resistance and heat. | Pin Type | Function | Description | | :--- | :--- | :--- | | **V+ / V-** | Main Power Input | 48V DC Supply lines | | **RTN** | Return | Common ground for the power circuit | | **CTRL / EN** | Enable/Control | Logic signal to turn the module on or off | | **SENSE** | Voltage Sensing | Compensates for voltage drops across long cables | --- ### 4. Safety and Compliance * **Isolation:** Usually provides 1500V - 2250V DC isolation between input and output. * **Thermal Shutdown:** Internal sensors trip the device if the temperature exceeds safe operating limits (usually >100°C).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48V-2RYV4-R module?
    • ⤷ Is this part compatible with standard 19-inch rack power distributions?
    • ⤷ Does this component support the PMBus communication protocol for remote monitoring?