データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 48V-2YV5-R

  • AI
    The part number **48V-2YV5-R** typically refers to a specialized high-voltage electronic component, most commonly associated with **Metal Oxide Varistors (MOV)** or specific **High-Voltage Rectifiers** used in power protection and conversion circuits. Based on standard industry nomenclature (specifically components used in power distribution and surge suppression), here is the technical breakdown: ### 1. Component Overview This component is designed to handle high-voltage spikes and regulate electrical flow in industrial power supplies. It is frequently found in "Rail" or "Rack" mount power units requiring robust transient voltage suppression. --- ### 2. Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Nominal Voltage** | 48V DC / AC equivalent | | **Clamping Voltage** | ~75V - 100V (depending on spike duration) | | **Material Composition** | Metal Oxide (ZnO) or Silicon Carbide | | **Configuration** | Radial lead or Surface Mount (SMD) | | **Operating Temp** | -40°C to +105°C | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 3. Key Electronic Functions * **Transient Voltage Suppression (TVS):** Its primary role is to protect sensitive downstream semiconductors from overvoltage events (surges). * **Non-linear Resistance:** At normal operating voltages (48V), the part maintains high resistance. When a spike occurs, resistance drops instantly to shunt the excess current to ground. * **Energy Absorption:** The "-R" variant is often rated for higher Joule absorption, meaning it can survive multiple small surges without failing. --- ### 4. Application Areas 1. **Telecommunications:** Protecting 48V DC power lines used in base stations. 2. **Electric Vehicles (EV):** Used in auxiliary power modules (APMs) to stabilize low-voltage rails. 3. **Industrial Automation:** Protecting PLC (Programmable Logic Controller) inputs from motor kickback (back-EMF). --- ### 5. Identification Code Breakdown If we deconstruct the part number string: * **48V:** The working voltage rating. * **2YV5:** Internal manufacturer series code relating to disc size and clamping ratio. * **-R:** Standard industry notation for **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current capacity for this specific part?
    • ⤷ Can this component be used in AC circuits or is it DC only?
    • ⤷ What are the common failure modes for a 48V varistor?