データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4C5-R

  • AI
    The **4C5-R** typically refers to a high-power, high-voltage ceramic power triode (vacuum tube). These components are primarily used in industrial and broadcast applications where high-frequency heating or radio frequency (RF) amplification is required. --- ### 1. General Specifications The 4C5-R is designed to handle high-power dissipation and is built with robust materials to withstand thermal stress. | Feature | Description | | :--- | :--- | | **Component Type** | Industrial Triode / Vacuum Tube | | **Cooling Method** | Radiation and Convection (Standard) | | **Anode Material** | Graphite or Zirconium-coated | | **Enclosure** | Ceramic/Metal | | **Primary Use** | RF Heating, CO2 Laser Power, Radio Broadcast | --- ### 2. Key Electronic Characteristics These parts are defined by their ability to amplify signals and switch high power levels under extreme voltages. * **Filament Voltage:** Usually operates at a specific low voltage (e.g., 5.0V to 10V) but draws significant current (Amperes) to heat the cathode. * **Anode Dissipation:** Capable of dissipating several kilowatts (kW) of heat. * **Maximum Frequency:** Often rated for operation up to 100 MHz or higher, depending on the circuit configuration. * **Amplification Factor ($\mu$):** Provides a specific gain ratio between the grid and the anode. --- ### 3. Applications Because of its durability and high-power handling, the 4C5-R is found in specific industrial sectors: 1. **Induction Heating:** Used in metal hardening, soldering, and brazing equipment. 2. **Dielectric Heating:** Used for drying wood, curing plastics, or processing textiles. 3. **CO2 Lasers:** Acts as a power regulator or oscillator in high-power industrial laser cutting machines. 4. **AM/FM Transmitters:** Serves as a power amplifier stage for long-range communication. --- ### 4. Handling and Maintenance Due to the vacuum nature and materials used, specific care must be taken: * **Vertical Mounting:** Most 4C5-R tubes must be mounted vertically (base up or down) to prevent internal filament sag. * **Cooling Airflow:** Even if radiation-cooled, a dedicated blower is often required to keep the ceramic-to-metal seals within safe temperature limits. * **High Voltage Safety:** These components operate at several thousand volts (kV); discharge circuits must be used before servicing. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout connections for a 4C5-R triode?
    • ⤷ How does the 4C5-R compare to a 3CX series power tube?
    • ⤷ What are the common failure modes for ceramic power triodes in industrial environments?