データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4CB-R

  • AI
    The **4CB-R** series typically refers to a specific line of **Hydraulic-Magnetic Circuit Breakers** (often associated with brands like NHP or similar electrical component manufacturers). These are specialized electronic protection devices used to safeguard electrical circuits from overcurrent and short circuits. --- ### 1. Key Technical Specifications The "4CB" series is generally characterized by its DIN-rail mounting capability and its mechanism of action. | Feature | Description | | :--- | :--- | | **Technology** | Hydraulic-Magnetic (Precise tripping regardless of temperature) | | **Mounting** | Standard 35mm DIN Rail | | **Poles** | Available in 1P, 2P, 3P, and 4P configurations | | **Voltage Rating** | Typically 240V AC (Single Pole) / 415V AC (Multi-pole) | | **Current Range** | Ranges from 0.5A to 63A (Model dependent) | | **Interrupting Capacity** | Usually rated at 6kA or 10kA | --- ### 2. Internal Components and Mechanism Unlike thermal breakers that rely on a bi-metallic strip (which can be affected by ambient heat), the 4CB-R uses an electronic/mechanical hybrid approach: 1. **The Solenoid (Coil):** The core component that senses the magnetic field created by current flow. 2. **The Hydraulic Cylinder:** Contains a spring-loaded core submerged in a damping fluid. This creates the "time delay" for small overloads. 3. **The Armature:** The moving part that triggers the mechanical "trip" mechanism when the magnetic force overcomes the fluid resistance. 4. **Arc Chute:** A series of metal plates that extinguish the electrical arc generated when the contacts open under load. --- ### 3. Advantages of the 4CB-R Design * **Temperature Stability:** Because it is hydraulic-magnetic, the breaker does not "nuisance trip" just because the electrical cabinet is hot. It always trips at the rated current. * **Immediate Reset:** There is no "cool down" period required after a trip; the breaker can be reset immediately once the fault is cleared. * **Precision:** Offers more accurate trip curves (usually Curve C or D) compared to standard residential thermal-magnetic breakers. --- ### 4. Common Applications * **Industrial Control Panels:** Protecting PLC (Programmable Logic Controller) inputs. * **Telecommunications:** Guarding sensitive electronic equipment. * **Solar/Renewable Energy:** Used in DC and AC distribution where precise protection is required. * **Marine Environments:** Where high ambient temperatures make thermal breakers unreliable. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Curve C and Curve D in 4CB-R breakers?
    • ⤷ How does the hydraulic fluid affect the trip time-delay?
    • ⤷ Can the 4CB-R series be used for DC circuit protection?