データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4E6-R

  • AI
    The **4E6-R** is a specific electronic component typically identified as a **Surface Mount Device (SMD) Resistor Network** or an **Isolated Resistor Array**. These components are designed to save space on Printed Circuit Boards (PCBs) by consolidating multiple resistors into a single package. --- ### 1. Technical Specifications The "4E6-R" part number generally breaks down into functional characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Thick Film Resistor Array | | **Configuration** | 4-Resistor Network (Isolated) | | **Package Style** | 1206 or 0603 size (typically 8-pin SMD) | | **Resistance Value** | Common value is 10 Ohms to 1M Ohms (Specific to manufacturer) | | **Tolerance** | Usually ±5% or ±1% | | **Power Rating** | Approximately 1/16W (0.063W) per resistor | ### 2. Internal Structure The **4E6-R** is usually an "Isolated" type, meaning each resistor within the chip is independent of the others. ```text [Pin 1] --[R1]-- [Pin 8] [Pin 2] --[R2]-- [Pin 7] [Pin 3] --[R3]-- [Pin 6] [Pin 4] --[R4]-- [Pin 5] ``` ### 3. Key Advantages Using a component like the 4E6-R over four individual discrete resistors provides several benefits: * **Space Efficiency:** Reduces the "footprint" required on the PCB by roughly 50%. * **Manufacturing Speed:** Pick-and-place machines only need to place one component instead of four, reducing assembly time. * **Trace Routing:** Simplifies the layout for parallel data lines (like bus lines). * **Consistency:** Because all resistors are on the same substrate, they exhibit similar thermal behavior. ### 4. Common Applications * **Pull-up/Pull-down Resistors:** Used for digital logic lines to ensure a stable high or low state. * **LED Current Limiting:** Providing current control for multi-segment displays. * **Termination:** Used in high-speed data buses to prevent signal reflection. * **Voltage Dividers:** Providing reference voltages for integrated circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between isolated and bussed resistor arrays?
    • ⤷ How do I read the resistance code on a 4E6-R package?
    • ⤷ What are the common SMD package sizes for this component?