データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4L-R

  • AI
    The term **4L-R** in electronics most commonly refers to a specific configuration of **Resistor Networks** or a specific pinout for high-power **LED components**. Below is a detailed breakdown of these parts, their construction, and their applications. --- ## 1. 4L-R Resistor Networks (Common) In the context of passive components, "4L-R" usually designates a 4-element resistor network with an **L-type** (isolated) or common bus configuration. These are used to save space on Printed Circuit Boards (PCBs). ### Technical Specifications | Feature | Description | | :--- | :--- | | **Number of Resistors** | 4 individual resistive elements | | **Terminal Count** | Typically 8 pins (Isolated) or 5 pins (Common) | | **Package Types** | SIP (Single In-line Package) or SMD (Surface Mount Device) | | **Tolerance** | Usually $\pm 1\%$ or $\pm 5\%$ | ### Circuit Topology There are two primary ways these 4 resistors are wired internally: 1. **Isolated (Independent):** Each resistor has its own two pins. There is no internal connection between the four resistors. 2. **Bussed (Common):** One end of all four resistors is tied to a single common pin (usually Pin 1). --- ## 2. 4L-R High-Power LEDs In automotive and industrial lighting, "4-Lead Red" (often abbreviated as 4L-R) refers to high-flux LED components (like the **SnapLED** or **Super Flux** series). ### Key Characteristics * **Four Pins:** Unlike standard 2-pin LEDs, these have 4 leads to provide better thermal dissipation and mechanical stability under vibration. * **Red Wavelength:** Typically operates in the **620nm - 635nm** range. * **Current Handling:** Designed to handle higher currents (up to 70mA - 100mA) compared to standard 20mA LEDs. --- ## 3. Applications and Use Cases Regardless of whether the part is a resistor network or an LED, the "4L-R" designation implies specific industrial uses: ### Resistor Network Uses * **Pull-up/Pull-down:** Used in digital circuits to keep data lines at a logic high or low. * **Termination:** Used in bus systems (like I2C or SPI) to prevent signal reflection. * **Voltage Dividers:** Providing consistent voltage references across multiple channels. ### LED Component Uses * **Automotive Lighting:** Brake lights, turn signals, and CHMSL (Center High Mount Stop Lamps). * **Signage:** High-visibility outdoor displays. --- ## Summary Code Example (Microcontroller Pull-up) If you are using a 4L-R resistor network for a 4-bit data bus in a Python/MicroPython environment, your logic would look like this: ```python import machine # Assuming a 4L-R network is pulling up pins 12, 13, 14, 15 pins = [12, 13, 14, 15] inputs = [machine.Pin(p, machine.Pin.IN) for p in pins] def check_bus(): for i, pin in enumerate(inputs): print(f"Line {i}: {'HIGH' if pin.value() else 'LOW'}") check_bus() ```
    ✨ Follow-up Questions
    • ⤷Are you looking for the datasheet of a specific 4L-R resistor manufacturer?
    • ⤷ How do you calculate the power dissipation for a 4L-R resistor network?
    • ⤷ What are the advantages of 4-lead LEDs over 2-lead LEDs in automotive design?