データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4MPAS

  • AI
    The **4MPAS** typically refers to a **4-Megapixel Autofocus Sensor** or module, commonly used in embedded vision systems, industrial cameras, and security devices. These modules are integrated systems combining optics, image sensing, and signal processing. Below is an overview of the electronic components and architecture of a 4MPAS module. --- ### 1. Key Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **CMOS Image Sensor** | Light Conversion | The heart of the module. Converts photons into electrical signals (e.g., OmniVision or Sony sensors). | | **VCM (Voice Coil Motor)** | Mechanical Focus | A small actuator that moves the lens barrel back and forth to achieve autofocus. | | **ISP (Image Signal Processor)** | Data Processing | Handles debayering, noise reduction, white balance, and autofocus algorithms. | | **Driver IC** | Motor Control | An integrated circuit that controls the current sent to the VCM to position the lens precisely. | | **EEPROM/Flash** | Storage | Stores calibration data, lens correction profiles, and unique module IDs. | | **FPC (Flexible Printed Circuit)** | Connectivity | The flexible "ribbon" that carries signals between the module and the main PCB. | --- ### 2. Technical Specifications (Typical) A standard 4MPAS module usually operates within the following parameters: * **Resolution:** 2560 x 1440 pixels (Total ~3.7 to 4.0 Million Pixels). * **Interface:** Usually **MIPI CSI-2** (2-lane or 4-lane) for high-speed data transfer. * **Clock Frequency:** Typically 6MHz to 27MHz (EXTCLK). * **Power Rails:** * **AVDD (Analog):** 2.8V * **DVDD (Digital Core):** 1.2V * **DOVDD (I/O):** 1.8V --- ### 3. Electronic Architecture Diagram The flow of data within a 4MPAS electronic system follows this logic: ```mermaid graph LR A[Lens/Light] --> B[CMOS Sensor] B --> C[Internal ISP] C --> D[MIPI CSI-2 Interface] E[I2C Control Bus] --> B E --> F[VCM Driver] F --> G[Autofocus Motor] ``` --- ### 4. Interface and Communication Protocols * **MIPI CSI-2:** Used for the high-speed transmission of the actual image data. * **I2C (Inter-Integrated Circuit):** A two-wire "Control Bus" used by the host processor to send commands to the sensor (e.g., change exposure, trigger autofocus, or enter sleep mode). * **GPIO:** Used for "Reset" pins and "Power Down" (PWDN) signals to manage the module's state.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fixed Focus and an Autofocus (4MPAS) module?
    • ⤷ How do I interface a 4MPAS MIPI sensor with an Arduino or Raspberry Pi?
    • ⤷ What are the common power consumption values for 4MP image sensors?