データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5-10-R

  • AI
    The term **5-10-R** (or **5.10R**) in electronic components typically refers to a specific value and tolerance code for a **Resistor**. In the world of passive components, "R" serves as both a decimal point and a unit indicator (Ohms). --- ### 1. Decoding the Specification When you see "5-10-R" or "5.10R" on a component or schematic, it breaks down as follows: | Component Part | Meaning | Description | | :--- | :--- | :--- | | **5** | Whole Number | Represents 5 Ohms. | | **.** or **-** | Decimal Point | The separator between the integer and fraction. | | **10** | Fractional Part | Represents 0.10 Ohms. | | **R** | Unit / Multiplier | Indicates the base unit is **Ohms** ($\Omega$). | **Total Value:** 5.10 Ohms ($\Omega$). --- ### 2. Common Physical Formats This specific value is commonly found in two main types of electronic packaging: #### A. Surface Mount Devices (SMD) In SMD resistors (like 0805 or 1206 sizes), you might see the code **5R10** printed on the top. * **5R10** = 5.10 $\Omega$ * The "R" acts as the decimal to ensure the number isn't misread if the print is small. #### B. Through-Hole Resistors (Axial) For traditional resistors with color bands, a 5.10 Ohm resistor with 1% tolerance would have the following color sequence: 1. **Green** (5) 2. **Brown** (1) 3. **Black** (0) 4. **Silver/Gold** (Multiplier/Tolerance) --- ### 3. Application Examples A 5.10 Ohm resistor is a relatively low-resistance value. It is typically used for: * **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow. * **LED Protection:** Limiting current to high-power LEDs. * **Termination:** Used in impedance matching for specific signal lines. * **Voltage Dividers:** Creating specific reference voltages in precision circuits. --- ### 4. Technical Specifications Table | Property | Typical Value | | :--- | :--- | | **Resistance** | 5.10 $\Omega$ | | **Standard Tolerance** | Usually ±1% (F) or ±5% (J) | | **Temperature Coefficient** | Commonly 100ppm/°C for metal film | | **Power Rating** | 1/8W, 1/4W, or high-power 1W+ depending on size |
    ✨ Follow-up Questions
    • ⤷ How do I identify the tolerance of a 5.10R resistor using color bands?
    • ⤷ What is the difference between a 5.10R and a 5K10 resistor?
    • ⤷ Can I use a 5.1 Ohm resistor if the schematic specifically asks for 5.10R?