データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5-6-R

  • AI
    In electronics, the designation **5-6-R** is not a standard universal part number, but it most commonly refers to **fixed power resistors** or specific **component values** within a manufacturer's series. Below is an analysis of how this code is typically interpreted in electronic hardware. --- ## 1. Resistance Values (The "R" Notation) In the electronic color code and alphanumeric marking system (BS 1852), the letter **R** acts as a decimal point for Ohms ($\Omega$). | Marking | Interpretation | Value | | :--- | :--- | :--- | | **5R6** | 5.6 Ohms | Standard notation for low resistance | | **56R** | 56 Ohms | Standard notation | | **R56** | 0.56 Ohms | Sub-ohm current sensing value | ## 2. Common Component Types If you are looking at a physical part labeled "5-6-R," it usually belongs to one of these two categories: ### A. Wirewound Power Resistors Manufacturers like *Vishay* or *Ohmite* use these markings for high-wattage resistors. * **5**: Often represents the power rating (e.g., 5 Watts). * **6**: Can represent a specific series or physical size. * **R**: Indicates the unit is in Ohms. ### B. Inductors / Chokes In surface-mount (SMD) power inductors, "5-6-R" or "5R6" frequently denotes an inductance value. * **Value:** 5.6 $\mu$H (Microhenries). * **Application:** Used in DC-DC converters and power supply filtering. --- ## 3. Technical Specifications Table If we assume a standard **5.6 $\Omega$ (5R6)** power resistor, the typical specifications are: | Feature | Specification | | :--- | :--- | | **Tolerance** | Usually $\pm 1\%$ or $\pm 5\%$ (marked as F or J) | | **Temperature Coefficient** | 50 ppm/°C to 200 ppm/°C | | **Core Material** | Ceramic or Fiberglass | | **Coating** | Silicone or Vitreous Enamel | --- ## 4. How to Identify the Part To be 100% certain of the part's function, check the following: 1. **Circuit Board Label:** Does it sit next to an **"R"** (Resistor) or **"L"** (Inductor)? 2. **Package Style:** Is it a white rectangular ceramic block (Power Resistor) or a small grey/black square (SMD Inductor)? 3. **Multimeter Test:** Use the Ohms setting. If it reads roughly 5.6, it is a resistor. If it reads near 0, it is likely an inductor.
    ✨ Follow-up Questions
    • ⤷What is the difference between 5R6 and 56R in resistor markings?
    • ⤷ How do I test a power resistor with a multimeter?
    • ⤷ What are common applications for a 5.6uH inductor?