データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 500-R

  • AI
    The term **500-R** typically refers to a specific resistance value or a specific series of high-precision electronic components. In the world of electronics, "500-R" most commonly represents a **500 Ohm Resistor**, where "R" acts as both the decimal point and the unit symbol. --- ### 1. Common Specifications for 500-R Components Depending on the application (power electronics, precision instrumentation, or general circuitry), a 500-R part can vary significantly in its build. | Feature | Description | Typical Values | | :--- | :--- | :--- | | **Resistance** | Nominal value of the component | 500 $\Omega$ | | **Tolerance** | Precision of the resistance value | $\pm$0.1%, $\pm$1%, or $\pm$5% | | **Power Rating** | Maximum heat dissipation | 1/4W, 1/2W, 5W, or 10W | | **Package Type** | Physical mounting style | SMD (Surface Mount) or Through-Hole | | **Composition** | Material used for resistance | Carbon Film, Metal Film, or Wirewound | --- ### 2. Types of 500-R Components There are several physical forms a "500-R" part might take: #### A. Fixed Resistors * **Metal Film:** Used in precision circuits where low noise and high accuracy are required. * **Wirewound (High Power):** Often labeled as "500R" on ceramic bodies; these handle high current and heat (e.g., 5W to 50W). #### B. Variable Resistors (Potentiometers/Trimmers) * **Trimpots:** Small adjustable resistors labeled "501" (the '1' representing one zero after 50, equaling 500). * **Precision Pots:** Used for fine-tuning voltage dividers or sensor calibrations to exactly 500 Ohms. #### C. Shunt Resistors * In current sensing, a high-precision 500-R resistor might be used to convert a small current into a measurable voltage drop. --- ### 3. Interpreting the Labeling In electronic manufacturing and schematics, "R" is used to denote the Ohms ($\Omega$) symbol and is often placed to indicate a decimal: * **500R:** 500 $\Omega$ * **R500:** 0.500 $\Omega$ (or 500 m$\Omega$) * **5K00:** 5,000 $\Omega$ (or 5 k$\Omega$) --- ### 4. Typical Applications * **LED Current Limiting:** Protecting LEDs from overcurrent in 12V or 24V systems. * **Voltage Dividers:** Creating a specific reference voltage in an analog circuit. * **Impedance Matching:** Used in audio or radio frequency (RF) circuits to minimize signal reflection. * **4-20mA Current Loops:** A 500-R resistor is frequently used to convert a 4-20mA industrial signal into a 2-10V signal for microcontrollers.
    ✨ Follow-up Questions
    • ⤷ How do I read the color codes on a 500-R through-hole resistor?
    • ⤷ What is the difference between a 500R and an R500 resistor in a schematic?
    • ⤷ Why is 500 Ohms commonly used in 4-20mA current loop sensors?