データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5002-R

  • AI
    The **5002-R** typically refers to a high-quality **Banana Plug** or **Binding Post** component, most notably manufactured by companies like **Pomona Electronics**. These parts are essential in test and measurement setups for establishing secure, low-resistance electrical connections. --- ### 1. Technical Specifications Below are the general specifications for a standard 5002-R series banana plug: | Feature | Specification | | :--- | :--- | | **Type** | Banana Plug (often "Do-It-Yourself" Solderless) | | **Material** | Brass Body, Beryllium Copper Spring | | **Plating** | Nickel Plated (or Gold in some variants) | | **Current Rating** | 15 Amperes | | **Voltage Rating** | 5000 Vrms (Hands-free) / 33 Vrms (Handheld) | | **Wire Gauge** | Accepts 18 to 22 AWG wire | --- ### 2. Key Components & Materials The 5002-R is engineered for durability and electrical integrity: * **Spring Mechanism:** Uses a multi-leaf Beryllium Copper spring. This material is chosen for its "memory"—it maintains its shape and high contact pressure even after thousands of insertion cycles. * **Insulation:** Usually features high-temp Polypropylene or Nylon. The "R" in some part numbering systems can denote a specific color (e.g., **Red**) or a specific **RoHS** compliance rating. * **Set Screw:** Most 5002-R models are solderless, utilizing a internal set screw to secure the wire, making them field-repairable. --- ### 3. Usage and Applications These parts are widely used in laboratories and industrial environments: 1. **Test Leads:** Building custom cables for multimeters or oscilloscopes. 2. **Power Supplies:** Connecting benchtop power supplies to breadboards or prototype circuits. 3. **Audio/Visual:** High-end speaker connections where low signal loss is required. 4. **Educational Kits:** Frequently used in physics labs for easy circuit assembly and disassembly. --- ### 4. Implementation Example If you are integrating these into a custom test jig, the wiring logic follows a simple mechanical assembly: ```text Step 1: Strip approximately 1/2 inch of insulation from your wire. Step 2: Unscrew the plastic insulator sleeve from the 5002-R plug. Step 3: Feed the wire through the sleeve. Step 4: Insert the bare wire into the plug body and tighten the set screw. Step 5: Thread the sleeve back onto the plug body. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between nickel-plated and gold-plated 5002-R plugs?
    • ⤷ Are there specific voltage safety limits for handheld use of the 5002-R?
    • ⤷ Which wire gauge is recommended for maximum current capacity in these plugs?