データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 503C

  • AI
    The term **503C** most commonly refers to a specific value and type of **Trimmer Potentiometer** (variable resistor). In the electronics world, "503" is a code representing the resistance value, and "C" often denotes the manufacturer's series or the physical orientation. ### 1. Understanding the "503" Code Electronic components use a three-digit coding system for resistance (ohms). | Digit | Meaning | Value | | :--- | :--- | :--- | | **5** | 1st Significant Digit | 5 | | **0** | 2nd Significant Digit | 0 | | **3** | Multiplier (Number of Zeros) | $10^3$ (1,000) | | **Result** | **Total Resistance** | **50,000 $\Omega$ (50k$\Omega$)** | --- ### 2. Physical Characteristics of a 503C Trimmer A 503C part is usually a small, circuit-board mounted component used for fine-tuning a circuit. * **Type:** Potentiometer (Variable Resistor). * **Terminals:** Usually 3 pins (two ends of the resistor track and one "wiper" that moves). * **Adjustment:** Features a small slot on the top or side for a screwdriver to turn the internal contact. * **Mounting:** Through-hole (inserted into a PCB) or SMD (Surface Mount). --- ### 3. Technical Specifications While specifications vary by manufacturer (such as Bourns or Panasonic), a standard 503C typically follows these parameters: | Parameter | Common Specification | | :--- | :--- | | **Resistance** | 50 kOhms | | **Tolerance** | $\pm$10% to $\pm$20% | | **Power Rating** | 0.1W to 0.5W | | **Rotation Angle** | 210° to 270° (Single turn) | | **Temperature Range** | -55°C to +125°C | --- ### 4. Common Applications The 503C is used in circuits where the resistance needs to be set once and left alone (calibration), rather than a knob that a user turns constantly. 1. **Voltage Calibration:** Adjusting the output voltage of a power supply module. 2. **Sensor Tuning:** Setting the sensitivity threshold for light or sound sensors. 3. **Timing Circuits:** Fine-tuning the frequency of an oscillator (like a 555 timer). 4. **LCD Contrast:** Adjusting the screen clarity on character displays. --- ### 5. Alternative Identifiers You might see this part labeled as: * **3362P-1-503:** A common square-shaped through-hole trimmer. * **3296W-1-503:** A multi-turn "precision" trimmer (requires many turns for high accuracy).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 503 single-turn and a 503 multi-turn trimmer?
    • ⤷ How do I wire a 503C potentiometer to act as a simple variable resistor?
    • ⤷ Can a 503C be used for high-power applications?