データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 503C_

  • AI
    The term **503C** typically refers to a specific type of **Trimmer Potentiometer (Variable Resistor)**. These components are used to adjust resistance within a circuit manually. ### 1. Decoding the Part Number "503C" In electronics, the numbering on these components follows a standard 3-digit code system for values: | Code Segment | Meaning | Value | | :--- | :--- | :--- | | **50** | Significant Digits | 50 | | **3** | Multiplier ($10^x$) | $10^3$ (1,000) | | **Total** | Ohms ($\Omega$) | **50,000 $\Omega$ or 50k$\Omega$** | | **C** | Taper Type | Usually indicates a **Reverse Logarithmic** (Antilog) taper. | --- ### 2. Technical Specifications Most 503C trimmers (often seen in the **RM065** or **3362** series) share these common characteristics: * **Resistance Range:** 0 $\Omega$ to 50k $\Omega$. * **Power Rating:** Typically 0.1W to 0.5W. * **Tolerance:** Usually $\pm$10% to $\pm$20%. * **Adjustment Type:** Top or Side adjustment using a small screwdriver. * **Mounting:** Through-hole (PCB) with 3 pins. --- ### 3. Pin Configuration and Internal Logic The device has three pins. The resistance between the outer pins remains constant (50k$\Omega$), while the resistance between the middle pin (the wiper) and either outer pin changes as you turn the dial. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Terminal A | Fixed end of the resistor track. | | **2** | Wiper | The moving contact that "picks up" the voltage/resistance. | | **3** | Terminal B | Fixed end of the resistor track. | --- ### 4. Common Applications The 503C is a "set and forget" component, meaning it is adjusted during manufacturing or calibration and then left alone. * **LCD Contrast:** Adjusting the brightness/clarity of 16x2 LCD screens. * **Voltage Regulation:** Fine-tuning the output voltage of a power supply module. * **Sensor Calibration:** Setting the threshold for light or sound sensors. * **Timing Circuits:** Adjusting the frequency of a 555 timer pulse. --- ### 5. Example Circuit Implementation To use the 503C as a simple variable resistor (rheostat), you connect Pin 1 and Pin 2. ```cpp // Logic for a Potentiometer in a 5V circuit // Pin 1: 5V // Pin 2: Analog Input (A0) // Pin 3: Ground (GND) void setup() { Serial.begin(9600); } void loop() { int sensorValue = analogRead(A0); // Reads 0 to 1023 Serial.println(sensorValue); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a linear (A) and reverse log (C) taper in potentiometers?
    • ⤷ How do I test a 503C trimmer using a multimeter?
    • ⤷ Can I replace a 503C with a 503B if I don't have the exact part?