データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 51000-R

  • AI
    Based on electronic component naming conventions and industry standards, the part number **51000-R** is most commonly associated with **high-precision resistors** or specific **automotive-grade connectors**. Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this part number. --- ## 1. Primary Identification: Precision Resistor In the context of surface-mount technology (SMT) or high-reliability circuits, "51000-R" often refers to a resistor with a value of **51k Ohms**. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Resistance Value** | 51,000 Ω (51kΩ) | | **Tolerance** | Usually ±0.1% to ±1% (R can denote precision or RoHS compliance) | | **Power Rating** | 0.1W to 0.25W (standard for 0603/0805 packages) | | **Temperature Coefficient** | ±25ppm/°C to ±100ppm/°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Alternative Identification: Connector Series The "51000" series is also a common designation for **Molex 2.00mm Pitch Wire-to-Board housings**. ### Connector Characteristics * **Housing Type:** Crimp Housing. * **Pitch:** 2.00mm. * **Circuits:** The suffix "-R" often indicates a specific packaging type (like Reel) or a Red color variant in specific manufacturer catalogs. * **Applications:** Used for internal power or signal connections in consumer electronics. --- ## 3. Key Electronic Functions Regardless of whether it is a resistor or a connector, the part serves specific roles in a circuit: ### If used as a Resistor (51kΩ): 1. **Voltage Dividers:** Used to scale down voltages for ADC inputs. 2. **Pull-up/Pull-down:** Used to ensure a digital logic pin is at a stable state. 3. **Current Limiting:** Protects sensitive components like LEDs or Transistor gates. ### If used as a Connector: 1. **Signal Integrity:** Provides a secure, low-resistance path between PCBs and wire harnesses. 2. **Modular Repair:** Allows for easy replacement of sub-assemblies. --- ## 4. Part Number Decoding Manufacturers often break down the part number as follows: * **51000:** The base series or numeric value (51k). * **-R:** * *In Resistors:* May stand for **RoHS Compliant**. * *In Logistics:* May stand for **Tape & Reel** packaging. * *In Color Codes:* May stand for **Red**.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is listed on your component datasheet?
    • ⤷ Are you looking for the pinout diagram for a 51000 series connector?
    • ⤷ Is this part being used in a high-voltage or automotive application?