データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 512-R2

  • AI
    The **512-R2** generally refers to a specific model of an **Isolation Relay** or a **Smart Relay**, most commonly associated with the **Honeywell / Resideo** series used in HVAC and hydronic heating systems. Below is an overview of its electronic components, technical specifications, and functions. --- ### 1. Component Overview The 512-R2 is an electromechanical device designed to provide electrical isolation between a control circuit (like a thermostat) and a load circuit (like a pump or boiler). | Component | Description | | :--- | :--- | | **Relay Coil** | An electromagnetic coil that creates a magnetic field when energized (usually 24VAC). | | **Contacts** | DPST (Double Pole Single Throw) or DPDT (Double Pole Double Throw) switching mechanisms. | | **Terminal Block** | Screw terminals for secure wiring connections of power and control lines. | | **Housing** | A protective plastic or metal casing designed for surface mounting or junction box attachment. | | **Transformer (Optional)** | Some variations include a built-in step-down transformer (120V to 24V). | --- ### 2. Technical Specifications The electrical ratings determine what devices the 512-R2 can safely switch. | Parameter | Rating / Value | | :--- | :--- | | **Input Voltage (Coil)** | 24 VAC, 50/60 Hz | | **Contact Rating (Resistive)** | Up to 10A @ 120V / 240V | | **Contact Rating (Inductive/Motor)** | 1/3 HP @ 120V | | **Configuration** | DPDT (Double Pole Double Throw) | | **Operating Temperature** | -30°F to 150°F (-34°C to 66°C) | --- ### 3. Electronic Functionality The 512-R2 operates based on the principle of **Electromagnetic Induction**: 1. **Triggering:** When the thermostat closes the circuit, 24V AC flows through the internal coil. 2. **Magnetic Field:** The energized coil generates a magnetic field that pulls an internal armature. 3. **Switching:** This mechanical movement closes the high-voltage contacts. 4. **Isolation:** This allows a low-voltage (24V) system to safely control high-voltage (120V/240V) equipment without the risks of electrical noise or cross-voltage interference. --- ### 4. Wiring Diagram Logic Typical wiring follows this logic: ```text [ Thermostat ] --- (R) --- [ 512-R2 Coil ] --- (C) --- [ Transformer ] | [ High Voltage In ] | [ High Voltage Out ] --- [ Pump/Fan/Motor ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the DPDT and DPST versions?
    • ⤷ Can the 512-R2 be used to control a 240V water heater?
    • ⤷ How do I troubleshoot a 512-R2 relay that is clicking but not switching power?