データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 51U-4F2-R3

  • AI
    Based on the part number provided, this typically refers to a **High-Frequency/RF Coaxial Connector** or a specific **Cable Assembly component**, often associated with standard industrial coding for connectors like SMB, SMC, or MCX series. --- ### 1. Technical Specification Breakdown While part numbers can vary slightly by manufacturer (such as Amphenol or Huber+Suhner), the alphanumeric code generally breaks down as follows: | Component Code | Category | Description | | :--- | :--- | :--- | | **51U** | Series Type | Often indicates a specific RF series (e.g., SMB or miniature coaxial). | | **4F2** | Mounting/Interface | Refers to the physical orientation (Right Angle) and the gender (Female/Jack). | | **R3** | Revision/Plating | Indicates the revision level or the type of plating (usually Gold or Nickel). | --- ### 2. Core Electronic Characteristics These parts are designed for high-signal integrity in communication circuits. Key electronic properties include: * **Impedance:** Usually standardized at **50 Ohms**, optimized for radio frequency transmission with minimal reflection. * **Frequency Range:** Typically supports DC up to **4 GHz** or **12 GHz**, depending on the specific sub-series. * **Insulation Resistance:** High dielectric resistance (often >1000 MΩ) to prevent leakage between the center conductor and the outer shield. * **Voltage Rating:** Generally rated for **250V to 500V RMS**, depending on the size of the insulator. ### 3. Material Composition To ensure high conductivity and durability, these parts utilize specific materials: 1. **Body:** Brass or Stainless Steel (often Gold or Nickel plated). 2. **Center Contact:** Beryllium Copper (Gold plated for maximum conductivity and oxidation resistance). 3. **Insulator:** PTFE (Teflon), chosen for its low dielectric constant and thermal stability. --- ### 4. Common Applications These electronic parts are most frequently found in: * **Telecommunications:** Base stations and cellular infrastructure. * **Instrumentation:** Signal generators and oscilloscopes. * **Automotive:** GPS and Infotainment systems. * **Aerospace:** High-reliability flight control systems.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ How do I calculate the insertion loss for this connector?
    • ⤷ What are the soldering requirements for the 51U series?