データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 52003-R

  • AI
    The part number **52003-R** typically refers to a specialized electronic component, most commonly associated with **automotive sensors** or **industrial electrical connectors**. Depending on the manufacturer (such as Standard Motor Products or specific connector brands), its specifications vary. Below is an overview of the most common identification for this part: --- ## 1. Primary Identification: Automotive Sensor In most electronic databases, **52003-R** is identified as a **Vehicle Speed Sensor (VSS)** or a **Transmission Input/Output Sensor**. These sensors are critical for the Engine Control Unit (ECU) to manage gear shifting, speedometer readings, and cruise control. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Hall Effect or Magnetic Induction Sensor | | **Input Voltage** | Typically 5V or 12V DC | | **Output Signal** | Digital Pulse (Square Wave) or Analog AC | | **Connector Type** | Multi-pin sealed plastic housing | | **Material** | High-temp composite plastic with metal mounting bracket | --- ## 2. Key Internal Electronic Elements The electronic operation of the 52003-R involves three main stages: 1. **Sensing Element:** A magnet and a coil (or Hall Effect chip) located at the tip of the sensor. 2. **Signal Conditioning:** Internal circuitry that filters "noise" from the engine's electromagnetic interference (EMI). 3. **Output Driver:** A transistor-based circuit that sends the electrical pulses to the vehicle’s main computer. --- ## 3. Alternative Identification: Connector Series If the part is part of a **Molex** or **TE Connectivity** series, it refers to a specific housing for wire-to-board connections: * **Pitch:** Often 2.0mm or 2.5mm. * **Housing:** Nylon UL94V-0 rated. * **Application:** Used in internal electronics for signal routing. --- ## 4. Troubleshooting & Testing To test the electronic health of a 52003-R sensor, use the following methods: * **Resistance Test:** Use a multimeter to check the internal coil resistance (Ohms). An "Open" reading indicates a broken internal wire. * **Voltage Back-probing:** Check for a reference voltage (usually 5V) coming from the ECU. * **Signal Sweep:** Using an oscilloscope, you should see the frequency of the pulse increase as the speed of the gear it is monitoring increases.
    ✨ Follow-up Questions
    • ⤷ Is the 52003-R you are looking for a vehicle speed sensor or a circuit connector?
    • ⤷ What are the common failure symptoms of this specific electronic part?
    • ⤷ Can you provide a wiring pinout diagram for the 52003-R sensor?