データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 524-3HT1-R

  • AI
    The part number **524-3HT1-R** refers to a specific series of **NTC (Negative Temperature Coefficient) Thermistors**, commonly manufactured by brands like **Littelfuse (formerly U.S. Sensor)**. These components are used primarily for high-accuracy temperature sensing and compensation. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics. | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance at 25°C** | 500,000 Ohms (500kΩ) | The base resistance value at room temperature. | | **Tolerance** | ±1% to ±10% | Varies by specific suffix, typically high precision for "HT" series. | | **Series Type** | HT Series | High-temperature, glass-encapsulated thermistor. | | **Interchangeability** | ±0.1°C to ±1.0°C | Accuracy over a specific temperature range. | | **Operating Temp Range** | -55°C to +300°C | Capable of high-heat environments. | | **Termination** | Radial Leaded | Leads exit from the same side of the body. | --- ### 2. Physical Construction The "3HT" designation often implies a **glass-encapsulated** body. This construction provides several advantages: * **Hermetic Seal:** Protects the sensing element from moisture and oxidation. * **Durability:** Glass is chemically inert, making it suitable for harsh industrial environments. * **Small Form Factor:** Allows for rapid thermal response times (low thermal time constant). --- ### 3. Key Applications Because of its high resistance (500kΩ) and wide temperature range, this part is typically used in: 1. **Industrial HVAC:** Measuring high-temperature exhaust or boiler outputs. 2. **Medical Equipment:** Precision monitoring where long-term stability is required. 3. **Automotive Sensors:** Oil or coolant temperature monitoring. 4. **Home Appliances:** Ovens, coffee makers, and stovetops. --- ### 4. Resistance vs. Temperature (The NTC Principle) As an **NTC** device, the resistance of the 524-3HT1-R decreases as the temperature increases. To use this in a circuit, it is typically placed in a **Voltage Divider** configuration: ```cpp // Example: Converting ADC value to Temperature (simplified) float voltage = (analogRead(sensorPin) * 5.0) / 1023.0; float resistance = (seriesResistor * voltage) / (5.0 - voltage); // Further calculations use the Steinhart-Hart equation ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific Steinhart-Hart B-value for this thermistor?
    • ⤷ How does glass encapsulation compare to epoxy coating in thermistors?
    • ⤷ What is the recommended series resistor value for a 500kΩ NTC?