データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5441-R

  • AI
    The part number **5441-R** typically refers to a specialized high-performance electronic component, most commonly associated with **inductance coils (surface mount inductors)** or specific **interconnect solutions**. Based on industry standards (specifically manufacturers like Bourns or Keystone), here is the technical breakdown. --- ## 1. Component Identification Depending on the manufacturer, "5441-R" usually falls into one of two categories: ### A. Surface Mount (SMD) Power Inductor In the context of power electronics, the 5441-R series often refers to high-current, shielded inductors used for voltage regulation. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Inductance Range** | 1.0 µH to 1000 µH (Model dependent) | | **Core Material** | Ferrite / Iron Powder | | **Shielding** | Magnetically Shielded (prevents EMI) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | ### B. Fuse Clips / Battery Hardware In other contexts (e.g., Keystone Electronics), the 5441-R refers to a PC-mount fuse clip or terminal designed for durability and low resistance. --- ## 2. Technical Characteristics (Power Inductor Context) If your 5441-R is a power inductor, these are its primary electronic roles: 1. **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, essential for DC-DC converters. 2. **Filtering:** It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass. 3. **The "-R" Suffix:** In the electronics industry, the suffix "-R" almost always signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. --- ## 3. Common Applications Components labeled 5441-R are generally found in the following circuits: * **Switching Power Supplies:** Used in buck, boost, or buck-boost converters. * **LED Drivers:** Providing stable current to high-brightness LEDs. * **Input/Output Filtering:** Reducing ripple voltage in computer motherboards or server power units. * **Telecommunications:** Used in base stations for signal integrity and power management. --- ## 4. Soldering and Handling | Attribute | Detail | | :--- | :--- | | **Mounting Type** | Surface Mount Technology (SMT) | | **Reflow Profile** | Compatible with Lead-Free reflow (approx. 260°C peak) | | **Packaging** | Tape and Reel (Standard for automated pick-and-place) | ---
    ✨ Follow-up Questions
    • ⤷ Is the 5441-R you are referring to a Bourns inductor or a Keystone fuse clip?
    • ⤷ What is the specific inductance value (µH) required for your circuit?
    • ⤷ Are you looking for a datasheet or a direct cross-reference replacement?