データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 54ABT373CSCX

  • AI
    The **54ABT373CSCX** is a high-performance integrated circuit (IC) belonging to the Advanced BiCMOS Technology (ABT) family. It is specifically designed as an **Octal Transparent Latch** with 3-state outputs, commonly used in military and high-reliability aerospace applications. --- ## 1. Technical Specifications The following table highlights the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Logic Family** | ABT (Advanced BiCMOS) | | **Function** | Octal Transparent Latch | | **Operating Voltage (Vcc)** | 4.5V to 5.5V | | **Output Type** | 3-State (Tri-state) | | **Propagation Delay** | ~4.0 ns (Typical) | | **Drive Capability** | 32mA (Source) / 64mA (Sink) | | **Package Type** | CQFP / Cerpack (Ceramic Quad Flatpack) | | **Temperature Range** | -55°C to +125°C (Military Grade) | --- ## 2. Pin Functions and Logic The device contains eight D-type latches with a common Latch Enable (LE) and Output Enable (OE) control. ### Control Logic Table | OE | LE | D (Input) | Q (Output) | Mode | | :--- | :--- | :--- | :--- | :--- | | L | H | H | H | Transparent (Data passes through) | | L | H | L | L | Transparent (Data passes through) | | L | L | X | Q0 | Latched (Holds previous state) | | H | X | X | Z | High Impedance (Disconnected) | * **LE (Latch Enable):** When High, the outputs follow the data inputs. When Low, the data is latched. * **OE (Output Enable):** When Low, the outputs are active. When High, the outputs enter a high-impedance state. --- ## 3. Key Electronic Features ### BiCMOS Technology The "ABT" designation signifies **BiCMOS** (Bipolar + CMOS) technology. * **CMOS inputs** provide high input impedance and low power consumption. * **Bipolar outputs** provide high current drive and fast switching speeds without the "ground bounce" issues common in pure CMOS high-speed logic. ### 3-State Outputs The 3-state capability allows the device to be connected directly to bus-oriented systems. Multiple devices can share the same bus lines, as long as only one is active (OE Low) at a time. ### Military Grade Durability The "54" prefix (as opposed to "74") indicates that the part is qualified for military use. It is built to withstand extreme thermal variations and is often screened for radiation hardness or mechanical stress. --- ## 4. Typical Applications * **Buffer Registers:** Holding data temporarily between a CPU and a peripheral. * **I/O Ports:** Acting as an interface for microprocessors to communicate with external hardware. * **Bus Drivers:** Strengthening signals to drive multiple loads on a backplane. * **Address Latching:** Used in multiplexed address/data bus systems (like those found in older 8086 architectures).
    ✨ Follow-up Questions
    • ⤷ How does BiCMOS technology compare to standard CMOS in terms of power efficiency?
    • ⤷ What are the specific package dimensions for the CSCX suffix?
    • ⤷ Can this IC be used in 3.3V logic systems without level shifters?