データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 54LS32DMQB

  • AI
    ### Overview of the 54LS32DMQB The **54LS32DMQB** is a high-performance, radiation-hardened (military grade) integrated circuit belonging to the **Low-power Schottky (LS)** family. It contains four independent 2-input **OR gates**. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Logic Family** | LS-TTL (Low-power Schottky) | | **Logic Function** | OR Gate | | **Number of Channels** | 4 (Quadruple) | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Operating Temperature** | -55°C to +125°C (Military Grade) | | **Package Type** | CDIP (Ceramic Dual In-line Package) | | **Processing** | MIL-STD-883 Class B | --- ### 2. Logic Operation Each of the four gates performs the Boolean function: **$Y = A + B$**. The output is HIGH if at least one input is HIGH. **Truth Table:** | Input A | Input B | Output Y | |:---:|:---:|:---:| | L | L | **L** | | L | H | **H** | | H | L | **H** | | H | H | **H** | --- ### 3. Pin Configuration (14-Pin CDIP) The pinout follows the standard 74/54 series OR gate layout: 1. **1A**: Input Gate 1 2. **1B**: Input Gate 1 3. **1Y**: Output Gate 1 4. **2A**: Input Gate 2 5. **2B**: Input Gate 2 6. **2Y**: Output Gate 2 7. **GND**: Ground 8. **3Y**: Output Gate 3 9. **3A**: Input Gate 3 10. **3B**: Input Gate 3 11. **4Y**: Output Gate 4 12. **4A**: Input Gate 4 13. **4B**: Input Gate 4 14. **VCC**: Supply Voltage --- ### 4. Suffix breakdown (DMQB) The suffix provides critical information regarding the part's build and testing: * **D**: Ceramic Dual-In-Line Package (CDIP). * **M**: Military Grade temperature range (-55°C to 125°C). * **QB**: Complies with **MIL-STD-883** requirements (Reliability and burn-in testing). --- ### 5. Applications Due to its ceramic packaging and high reliability, this specific part is typically used in: * **Aerospace and Defense:** Flight control systems and satellite hardware. * **Harsh Environments:** Industrial applications with extreme temperature fluctuations. * **Legacy Systems:** Maintenance of military-grade computing hardware.
    ✨ Follow-up Questions
    • What is the difference between the 54LS32 and the 74LS32?
    • Can you explain the propagation delay of LS-TTL logic?
    • What are the power consumption characteristics of this IC?