データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 54WE-R

  • AI
    The term **54WE-R** typically refers to a specific series or part number variant associated with **rotary switches** or **switched potentiometers**, often produced by manufacturers like *Alpha* or *Bourns* for use in audio equipment and industrial controls. --- ## 1. Component Overview The 54WE-R is generally a **Rotary Switch** characterized by its miniature size and PCB-mount design. It is frequently used to select different modes or functions in electronic devices. ### Technical Specifications (Typical) | Feature | Description | | :--- | :--- | | **Type** | Rotary Selection Switch | | **Circuitry** | Usually 1 Pole 12 Positions (1P12T) or 2 Pole 6 Positions | | **Mounting** | Through-hole (PCB) or Panel Mount | | **Voltage Rating** | 125V AC / 12V - 24V DC | | **Current Rating** | 0.3A - 0.5A | | **Rotation** | 30° indexing (Standard) | --- ## 2. Internal Construction The "R" suffix in the part number often denotes **RoHS compliance** (Restriction of Hazardous Substances) or a specific **Round shaft** configuration. 1. **Shaft:** Usually made of aluminum or plastic, used for the physical interface. 2. **Contacts:** Silver-plated copper alloy to ensure low contact resistance and longevity. 3. **Housing:** Thermoplastic or metal frame for structural integrity. 4. **Terminals:** Solder pins designed for direct integration into a circuit board. --- ## 3. Common Applications These parts are found in various electronics where a user needs to toggle between multiple discrete states: * **Audio Equipment:** Input selectors on amplifiers or gain stage controls. * **Test Equipment:** Range selection on multimeters or oscilloscopes. * **Household Appliances:** Mode selection on air conditioners, fans, or timers. * **Industrial Controls:** Setting operation parameters on control panels. --- ## 4. Implementation Example If you are integrating this switch into a microcontroller project (like Arduino), you would typically use a voltage divider network to read the position via an Analog-to-Digital Converter (ADC). ```cpp // Simple Logic for reading a Rotary Switch position int switchPin = A0; // Connected to the common pin int val = 0; void setup() { Serial.begin(9600); } void loop() { val = analogRead(switchPin); // Logic to determine position based on voltage levels Serial.println(val); delay(100); } ```
    ✨ Follow-up Questions
    • What are the physical dimensions of the 54WE-R switch?
    • How do I wire a 1P12T rotary switch to a microcontroller?
    • What is the difference between a 54WE-R and a standard potentiometer?