データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 55-R

  • AI
    The term **"55-R"** is most commonly associated with **Type 55-R Signal Relays** used in railroad signaling systems or specific **55-ohm Resistors** used in high-power industrial applications. Below is an explanation of the electronic components and characteristics associated with these designations. --- ### 1. Type 55-R Railway Signal Relay In the context of transportation infrastructure, the 55-R is a specific class of "Neutral Relay." These are vital components used to control track circuits and signal lights. | Component Part | Function | | :--- | :--- | | **Coil Assembly** | Converts electrical current into a magnetic field to move the armature. | | **Armature** | The moving part that shifts when the coil is energized. | | **Silver-to-Carbon Contacts** | Specialized contact points designed to prevent "welding" (sticking) during high-current surges. | | **Plug-in Base** | Allows for quick replacement without rewiring the entire signal rack. | ### 2. 55-R (55 Ohm) Resistor Specifications In general electronics, "55-R" often denotes a resistor with a resistance value of **55 Ohms**. These are frequently found in power supply dummy loads or braking resistors. #### Technical Parameters * **Resistance:** 55 $\Omega$ * **Tolerance:** Usually denoted by a letter (e.g., 55-RJ where 'J' = 5%). * **Common Packages:** * **Axial Lead:** Small carbon film or metal film for PCB mounting. * **Chassis Mount:** Housed in aluminum gold-colored casings for heat dissipation. * **Wirewound:** Used for high wattage (50W - 500W). --- ### 3. Comparison of Electronic Properties If you are looking at 55-R as a component series, here is how they typically compare based on construction: | Feature | Carbon Film 55-R | Wirewound 55-R | Signal Relay 55-R | | :--- | :--- | :--- | :--- | | **Primary Use** | General Circuitry | Power Dissipation | Switching / Logic | | **Power Rating** | 0.25W - 1W | 5W - 100W+ | N/A (Switching capacity) | | **Durability** | Moderate | High Heat Resistance | Extremely High (Safety Critical) | | **Size** | Very Small | Medium to Large | Large (Hand-sized) | --- ### Code Example: Simulating a 55-Ohm Load (Python) If you are calculating the current through a 55-R resistor at different voltages: ```python def calculate_current(voltage, resistance=55): # Ohm's Law: I = V / R current = voltage / resistance return f"{current:.4f} Amperes" # Example: 12V system with 55-R resistor print(f"Current at 12V: {calculate_current(12)}") ```
    ✨ Follow-up Questions
    • ⤷Are you referring to the 55-R railway relay specifically?
    • ⤷ What is the wattage rating of the 55-R component you are using?
    • ⤷ Do you need help identifying the color code for a 55-ohm resistor?