データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 561-R

  • AI
    The **561-R** designation is most commonly associated with a specific type of **Insulated Wire Ferrules** or **Nylon Electronic Hardware** (spacers and standoffs). In the context of industrial electronics, it typically refers to a **white nylon round spacer** manufactured by companies like Keystone Electronics or Essentra Components. Below is the technical breakdown of the 561-R series components. --- ### 1. Technical Specifications The 561-R series represents a family of spacers used to provide physical distance between a Printed Circuit Board (PCB) and a chassis or another board. | Feature | Specification | | :--- | :--- | | **Material** | Nylon 6/6 (UL 94V-2) | | **Color** | Natural (White/Off-white) | | **Shape** | Round / Cylindrical | | **Inner Diameter** | Typically fits #4, #6, or #8 screws | | **Outer Diameter** | Varies (e.g., 1/4", 5/16", 3/8") | | **Voltage Rating** | High Dielectric Strength (Insulator) | --- ### 2. Physical Dimensions The suffix after "561-R" usually determines the length of the spacer. These are non-threaded, meaning the screw passes entirely through the center. | Part Number (Example) | Outer Diameter | Length (Height) | Screw Size | | :--- | :--- | :--- | :--- | | 561-R062 | 0.250" | 0.062" (1/16") | #4 or #6 | | 561-R125 | 0.250" | 0.125" (1/8") | #4 or #6 | | 561-R250 | 0.250" | 0.250" (1/4") | #4 or #6 | | 561-R500 | 0.250" | 0.500" (1/2") | #4 or #6 | --- ### 3. Key Electronic Functions While these parts are mechanical, they are critical to electronic assembly for the following reasons: * **Electrical Isolation:** Because they are made of Nylon 6/6, they act as insulators. They prevent short circuits by ensuring the bottom of the PCB does not touch metal enclosures. * **Vibration Dampening:** Nylon has slight elasticity, which helps absorb mechanical vibrations that could crack solder joints. * **Thermal Management:** They create an air gap between components and the mounting surface, allowing for better heat dissipation via convection. * **Corrosion Resistance:** Unlike metal spacers, nylon parts are immune to oxidation and common electrolytic reactions. ### 4. Code Identification If you are looking at a schematic and see `561-R`, it is rarely a semiconductor. However, if it refers to a **resistor** (though rare for this naming convention), it would signify a **560 Ohm resistor** (where the 1 is the multiplier $10^1$). ---
    ✨ Follow-up Questions
    • ⤷Are there threaded versions of the 561-R spacers?
    • ⤷ What is the maximum operating temperature for Nylon 6/6 spacers?
    • ⤷ How do I choose the correct spacer length for my PCB enclosure?