データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 570-059M06GR

  • AI
    The part number **570-059M06GR** typically refers to a high-performance **D-Subminiature (D-Sub) connector** or a related component from a manufacturer like **EDAC** or a similar interconnect specialist. Based on the nomenclature, these parts are engineered for density and reliability in industrial or military-grade applications. --- ### 🟢 Technical Specifications & Characteristics Below is a breakdown of the typical electronic and physical attributes associated with this series of connectors: | Feature | Specification Details | | :--- | :--- | | **Component Type** | D-Subminiature Connector (Standard or High Density) | | **Gender** | Receptacle (Socket/Female) | | **Number of Positions** | 9, 15, or 25 (depending on series specific sub-code) | | **Termination Style** | Right Angle Through-Hole (PCB Mount) | | **Contact Material** | Phosphor Bronze or Copper Alloy | | **Plating** | Gold over Nickel (Industrial Standard) | | **Housing Material** | PBT (Polybutylene Terephthalate) or Metal Shell | | **Mounting Hardware** | #4-40 UNC Threaded Inserts or Boardlocks | --- ### 🔍 Key Features of the "M06GR" Configuration The suffix codes in these electronic parts provide specific instructions regarding their physical layout: 1. **M (Mounting):** Usually indicates a specific mounting style, such as a metal bracket or a specific grounding tab configuration for EMI/RFI shielding. 2. **06 (Dimension/Lead Length):** This often refers to the footprint or the length of the solder tails. In right-angle connectors, it specifies the distance from the flange to the first row of pins. 3. **GR (Green/RoHS):** This signifies that the part is compliant with environmental standards (Lead-free) and may use "Green" materials for the plastic insulators. --- ### 🛠️ Common Applications These connectors are designed for environments where a secure, vibration-resistant connection is required: * **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces and sensor hubs. * **Telecommunications:** Signal routing in rack-mounted hardware. * **Medical Equipment:** High-reliability data transfer for diagnostic machinery. * **Computing:** Legacy serial and parallel port communication for embedded systems. --- ### ⚠️ Installation Considerations * **PCB Footprint:** Since this is a right-angle part, ensure the PCB layout accounts for the specific offset (0.318" or 0.590" are common industry standards). * **Current Rating:** Typically rated for **3A to 5A** per contact. Do not exceed this to prevent thermal damage to the housing. * **Voltage Rating:** Generally rated for **250V AC/DC**.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 570-059M06GR variant?
    • ⤷ Can you provide the specific PCB footprint dimensions for this connector?
    • ⤷ What are the alternative gold-plating thickness options for this series?