データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 570-059NF03GR

  • AI
    The part number **570-059NF03GR** refers to a high-performance electrical connector component, specifically a **Protective Cover** or **Dust Cap** manufactured by **Glenair**. These parts are designed for use in harsh environments to protect the mating surfaces of circular connectors when they are not in use. --- ### 1. Technical Specifications Based on the Glenair nomenclature, the part breaks down into the following specifications: | Feature | Description | | :--- | :--- | | **Manufacturer** | Glenair | | **Series** | 570 Series (Protective Covers) | | **Connector Interface** | MIL-DTL-38999 Series III | | **Material/Finish** | **NF**: Aluminum / Cadmium Olive Drab over Electroless Nickel | | **Shell Size** | **03**: Refers to the specific size code (correlating to Shell Size 13) | | **Attachment Type** | **G**: Nylon Rope | | **Hardware** | **R**: Ring attachment for securing the lanyard | --- ### 2. Materials and Construction The "NF" finish is a standard for military and aerospace applications, providing a balance of durability and conductivity. * **Body Material:** High-strength aluminum alloy. * **Plating:** Cadmium with an olive drab chromate coating. This offers excellent corrosion resistance (500-hour salt spray) and is electrically conductive for EMI shielding. * **Seal:** Usually includes a silicone or fluorosilicone O-ring or gasket to provide an IP67/68 moisture seal. * **Lanyard:** The nylon rope prevents the cap from being lost when the connector is mated. --- ### 3. Key Applications Because of its rugged design, this part is commonly used in: 1. **Aerospace:** To protect flight control and communication interfaces. 2. **Defense:** Standard equipment for tactical ground vehicles and radio systems. 3. **Marine:** Used in shipboard electronics where salt-spray protection is critical. 4. **Industrial:** Heavy machinery where dust and oil ingress must be prevented. --- ### 4. Component Comparison | Feature | NF (Cadmium) | ME (Electroless Nickel) | ZR (Zinc-Nickel) | | :--- | :--- | :--- | :--- | | **Corrosion Resistance** | Excellent (500 Hrs) | Moderate (48 Hrs) | Excellent (500 Hrs) | | **Conductivity** | High | High | High | | **Color** | Olive Drab | Silver/Bright | Black | | **RoHS Compliant** | No | Yes | Yes |
    ✨ Follow-up Questions
    • ⤷ What are the alternative shell sizes available for the 570-059 series?
    • ⤷ Is there a RoHS-compliant equivalent for the NF finish?
    • ⤷ Does this cover provide EMI/RFI shielding when installed?