データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 5AM7R-R

  • AI
    The part number **5AM7R-R** typically refers to a **High-Density Polyethylene (HDPE) Sub-Miniature Power Connector** or a specific series of **Wire-to-Board/Wire-to-Wire connectors** often used in automotive or industrial lighting applications. Below is a detailed breakdown of the electronic and structural characteristics associated with this component type. --- ### 1. Technical Specifications These components are designed for high-vibration environments where space is limited but power delivery must remain constant. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Housing / Connector Interface | | **Material** | Nylon 66 or Polyethylene (Flame Retardant) | | **Current Rating** | 1.0A to 3.0A (depending on wire gauge) | | **Voltage Rating** | 125V - 250V AC/DC | | **Contact Resistance** | < 20mΩ | | **Operating Temp** | -25°C to +85°C | --- ### 2. Key Electronic Features * **Polarization Design:** The "R-R" designation often indicates a polarized locking mechanism. This prevents "mismating," ensuring the positive and negative leads cannot be reversed during installation. * **Strain Relief:** The housing is designed to grip the wire insulation, protecting the internal crimp contact from mechanical stress and wire-pull failure. * **Friction Lock:** Features a small ramp or "dimple" lock that provides tactile feedback when the connector is fully seated, ensuring it doesn't vibrate loose. --- ### 3. Pinout and Construction While specific configurations can vary by manufacturer, the **5AM** series generally follows this architecture: 1. **Housing:** The outer plastic shell (5AM7R-R) acts as the insulator. 2. **Terminals:** Usually made of Phosphor Bronze with Tin or Gold plating to ensure high conductivity and corrosion resistance. 3. **Pitch:** Typically 1.5mm to 2.5mm spacing between pins to maintain a compact footprint. --- ### 4. Common Applications Due to its robust but small form factor, you will find this part in: * **LED Backlighting:** Connecting power to LED strips in monitors or TVs. * **Automotive Sensors:** Low-voltage signal transmission in dashboards. * **Internal Power Rails:** Small PCB-to-PCB power jumps in consumer electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the 5AM7R-R connector?
    • ⤷ Which crimp terminal tool is recommended for this specific housing?
    • ⤷ Is this part compliant with RoHS and REACH environmental standards?